Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC40-48S05 Arkusz danych(PDF) 3 Page - Astrodyne Corporation

Numer części FDC40-48S05
Szczegółowy opis  Isolated and Regulated 40 WATT Modular DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTRODYNE [Astrodyne Corporation]
Strona internetowa  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC40-48S05 Arkusz danych(HTML) 3 Page - Astrodyne Corporation

  FDC40-48S05 Datasheet HTML 1Page - Astrodyne Corporation FDC40-48S05 Datasheet HTML 2Page - Astrodyne Corporation FDC40-48S05 Datasheet HTML 3Page - Astrodyne Corporation FDC40-48S05 Datasheet HTML 4Page - Astrodyne Corporation FDC40-48S05 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Isolated and Regulated 40 WATT Modular DC/DC Converters
F D C 4 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
INPUT SPECIFICATIONS
Input Voltage Ranges:
12 VDC Nominal
9-18 VDC
24 VDC Nominal
18-36 VDC
48 VDC Nominal
36-72 VDC
Input Filter
Pi Type
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation
singles: +/-0.5%
duals: +/-1%
triples: 5 V:+/-2%, Aux: +/-5%
Line Regulation
singles: +/-0.5%
duals: +/-1%
triples: 5V:+/-2%, Aux:+/-5%
Temperature Coefficient
+/-0.02%/DegC
Ripple/Noise
1% Pk-Pk of Vout, typ
Voltage Stability
(singles/duals)
+/- 2%
(triples)
5 V:+/-2%, Aux: +/-5%
Short Circuit Protection
Continuous, self-recovering
Overvoltage Protection Threshold: 3.3V Output
3.9Volts
5V Output
6.2Volts
12V Output
15Volts
15V Output
18Volts
GENERAL SPECIFICATIONS
On/Off Control
(Ref to - Input pin)
Logic “1”/Open=ON
Logic “0”/GND=OFF
Input-Out Isolation
1600VDC
Isolation Resistance
10000 M Ohms
Efficiency
82%, typ
Switching Frequency
185Khz, typ
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature (Case)
-25 to +85 DegC(see derate)
Storage Temperature
-55 to +125 DegC *
Maximum Case Temp
100 DegC *
MTBF
1.61 MHrs
MIL-HDBK-217F TA=25C FL
PHYSICAL SPECIFICATIONS
Case Material
Nickel-Coated Copper
Non-Conductive Base
Construction
Fully Encapsulated
Weight
4.5 oz, (126g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.
45
55
65
75
36
40
80
81
INPUT VOLTAGE (V)
FDC40-48S05
Efficiency VS Input Voltage
90
89
88
87
86
85
84
83
82
60
50
70
6
8
0.5
1
45
50
OUTPUT LOAD (A)
FDC40-48S05
Efficiency VS Output load
90
89
88
86
84
82
80
70
60
2
3
4
5
7
EFFICIENCY CURVES


Podobny numer części - FDC40-48S05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FDC40-48S05 ETC1-FDC40-48S05 Datasheet
101Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
Volgen Kaga Electronics...
FDC40-48S05 VOLGEN-FDC40-48S05 Datasheet
296Kb / 2P
   SIINGLE,, DUAL AND TRIIPLE OUTPUT,, HIIGH DENSIITY 40 WATTS DC//DC CONVERTERS
logo
Astrodyne Corporation
FDC40-48S05 ASTRODYNE-FDC40-48S05 Datasheet
277Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results

Podobny opis - FDC40-48S05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
FEC40 ASTRODYNE-FEC40_16 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FDC40 ASTRODYNE-FDC40_16 Datasheet
277Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FEC40 ASTRODYNE-FEC40 Datasheet
633Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com