Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC40-24S12 Arkusz danych(PDF) 4 Page - Astrodyne Corporation

Numer części FDC40-24S12
Szczegółowy opis  Isolated and Regulated 40 WATT Modular DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTRODYNE [Astrodyne Corporation]
Strona internetowa  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC40-24S12 Arkusz danych(HTML) 4 Page - Astrodyne Corporation

  FDC40-24S12 Datasheet HTML 1Page - Astrodyne Corporation FDC40-24S12 Datasheet HTML 2Page - Astrodyne Corporation FDC40-24S12 Datasheet HTML 3Page - Astrodyne Corporation FDC40-24S12 Datasheet HTML 4Page - Astrodyne Corporation FDC40-24S12 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Isolated and Regulated 40 WATT Modular DC/DC Converters
F D C 4 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
OUTPUT DERATING CURVE
MECHANICAL DIMENSIONS
Pin #
Single
Dual
Triple
1
Ctrl
Ctrl
Ctrl
2
+ Vin
+ Vin
+ Vin
3
- Vin
- Vin
- Vin
4
Sync
Sync
Sync
5
+ OutS
+ Vout or 3.3 out
+ Vout
6
Trim
Com
Com
7
- OutS
- Vout or 5 out
- Vout
8
+ Vout
Trim
+5 Out
9
- Vout
No Pin
-5 Out
10
No Pin
No Pin
Trim
2.60 (66.0)
0.60 (15.2)
0.40
(10.2)
0.40
(10.2)
0.40
(10.2)
0.40
(10.2)
0.32
(8.0)
0.40
(10.2)
0.40
(10.2)
0.50
(12.7)
0.70 (17.8)
0.32 (7.6)
0.32 (7.6)
1
2
3
4
5
6 7
8
9
10
Bottom
View
1. All dimensions in Inches (mm)
2. Pin pitch tolerance 0.014 (0.35)
50
60
70
80
90
100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
FDC40-48S05 Derating Curve
Nature convection
Output can be externally trimmed by
using the method shown below.
( ) for dual output trim
[ ] for triple output trim
{ } XXD3305 only trim 3.3V/5V
EXTERNAL OUTPUT TRIMMING
7 (7) [9] {6}
6 (8) [10] {8}
TRIM UP
RU
6 (8) [10] {8}
5 (5) [8] {5}
TRIM DOWN
RD
EXTERNAL OUTPUT TRIMMING


Podobny numer części - FDC40-24S12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FDC40-24S12 ETC1-FDC40-24S12 Datasheet
101Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
Volgen Kaga Electronics...
FDC40-24S12 VOLGEN-FDC40-24S12 Datasheet
296Kb / 2P
   SIINGLE,, DUAL AND TRIIPLE OUTPUT,, HIIGH DENSIITY 40 WATTS DC//DC CONVERTERS
logo
Astrodyne Corporation
FDC40-24S12 ASTRODYNE-FDC40-24S12 Datasheet
277Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results

Podobny opis - FDC40-24S12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
FEC40 ASTRODYNE-FEC40_16 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FDC40 ASTRODYNE-FDC40_16 Datasheet
277Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FEC40 ASTRODYNE-FEC40 Datasheet
633Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com