Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA7368FG Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TA7368FG
Szczegółowy opis  Audio Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7368FG Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TA7368FG Datasheet HTML 1Page - Toshiba Semiconductor TA7368FG Datasheet HTML 2Page - Toshiba Semiconductor TA7368FG Datasheet HTML 3Page - Toshiba Semiconductor TA7368FG Datasheet HTML 4Page - Toshiba Semiconductor TA7368FG Datasheet HTML 5Page - Toshiba Semiconductor TA7368FG Datasheet HTML 6Page - Toshiba Semiconductor TA7368FG Datasheet HTML 7Page - Toshiba Semiconductor TA7368FG Datasheet HTML 8Page - Toshiba Semiconductor TA7368FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TA7368PG/FG
2006-04-28
3
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage
VCC
14
V
TA7368PG
900
Power dissipation
TA7368FG
PD (Note)
400
mW
Operating temperature
Topr
−25~75
°C
Storage temperature
Tstg
−55~150
°C
(Note)
Derated above Ta = 25°C in the proportion of 7.2mW / °C for TA7368PG and of 3.2mW / °C for TA7368FG.
Electrical Characteristics For TA7368PG
(Unless otherwise specified, VCC = 6V, f = 1kHz, Rg = 600Ω, RL = 4Ω, Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min.
Typ.
Max.
Unit
VCC = 3V, Vin = 0
5.5
VCC = 6V, Vin = 0
6.6
15
Quiescent current
ICCQ
VCC = 9V, Vin = 0
7.5
18
mA
VCC = 3V ,RL = 4Ω, THD = 10%
120
VCC = 6V, RL = 4Ω, THD = 10%
500
720
VCC = 6V, RL = 8Ω, THD = 10%
300
450
VCC = 9V, RL = 8Ω, THD = 10%
800
1100
Output power
Pout
VCC = 9V, RL = 16Ω, THD = 10%
450
610
mW
Total harmonic distortion
THD
Pout = 100mW
0.3
1.0
%
Voltage gain
GV
Vin = 0.5mVrms
37
40
43
dB
Output noise voltage
Vno
Rg = 10kΩ, BPF = 20Hz~20kHz
0.2
0.5
mVrms
Ripple rejection ratio
RR
fr = 100Hz, Vr = 0.3Vrms
Without CRIP
25
dB
Input resistance
RIN
27
kΩ
Terminal Voltage For TA7368PG
Typical Terminal Voltage at no Signal With Test Circuit. (VCC = 6V, Ta = 25°C)
[Unit: V]
Terminal no.
1
2
3
4
5
6
7
8
9
DC voltage (V)
0
2.40
0.62
0.64
0
0
2.61
NC
6.0


Podobny numer części - TA7368FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA7368F TOSHIBA-TA7368F Datasheet
386Kb / 10P
   AUDIO POWER AMPLIFIER
TA7368F TOSHIBA-TA7368F Datasheet
381Kb / 10P
   AUDIO POWER AMPLIFIER
More results

Podobny opis - TA7368FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
   Audio Power Amplifier
logo
Toshiba Semiconductor
TA7368 TOSHIBA-TA7368 Datasheet
381Kb / 10P
   AUDIO POWER AMPLIFIER
TA7376P TOSHIBA-TA7376P Datasheet
303Kb / 7P
   AUDIO POWER AMPLIFIER
logo
NEC
UPC1213C NEC-UPC1213C Datasheet
547Kb / 11P
   AUDIO POWER AMPLIFIER
logo
Mitsumi Electronics, Co...
MM3111 MITSUMI-MM3111 Datasheet
39Kb / 3P
   Audio Power Amplifier
logo
Fairchild Semiconductor
KSA1943 FAIRCHILD-KSA1943 Datasheet
65Kb / 4P
   Audio Power Amplifier
logo
SG Micro Corp
SGM4995 SGMICRO-SGM4995 Datasheet
312Kb / 11P
   Audio Power Amplifier
logo
List of Unclassifed Man...
XPT9305 ETC2-XPT9305 Datasheet
210Kb / 7P
   Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC6019 FUMAN-TC6019 Datasheet
1Mb / 20P
   Audio power amplifier
logo
Toshiba Semiconductor
TA7368P TOSHIBA-TA7368P Datasheet
386Kb / 10P
   AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com