Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL1212103 Arkusz danych(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

Numer części SL1212103
Szczegółowy opis  Circuit Protection Thermistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMETHERM [AMETHERM Circuit Protection Thermistors]
Strona internetowa  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL1212103 Arkusz danych(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL1212103 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B
RoHS
Reliability Delivered On Time
DATA SHEET
P/N: SL12 12103
Mechanical Specifications
D
12.0 mm Nom
T
5.0 mm Nom
Lead Diameter
0.8 mm Nom
S
7.80 mm Nom
L
38.0 mm Nom
Straight Leads Coating
run down
5.0 mm Max
B
6.35 mm Nom
C
3.6 mm Nom
Electrical Specifications
Resistance @ 25°c
120 Ω ± 20%
Max Steady State Current Up to 65°c
3.0 A
Max recommended energy rating
25 J
Maximum Capacitance @ 120/240 VAC
1700 µF/425 µF
Resistance @ 100% of Max Current
0.48 Ω
Resistance @ 50% of Max Current
1.71 Ω
Body Temperature @ 100% Current rating
178°C
Dissipation Constant
12 mW/°C
Thermal Time Constant
30 seconds
Material Type (Beta Constant)
M
L
OUTSIDE
KINKED LEADS
S
STRAIGHT
LEADS
B
INSIDE
KINKED LEADS
S
S
D
D
D
C
T
SL12 12103
Date: 1/29/07
Ametherm Inc.
3111 N. Deer Run Road, Suite 4
Carson City, NV 89701


Podobny numer części - SL1212103

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AMETHERM Circuit Protec...
SL1212101 AMETHERM-SL1212101 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL1212101 AMETHERM-SL1212101 Datasheet
29Kb / 2P
   Erin Landis
SL1212101-A AMETHERM-SL1212101-A Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL1212101-B AMETHERM-SL1212101-B Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL1212101 AMETHERM-SL1212101_14 Datasheet
29Kb / 2P
   Erin Landis
More results

Podobny opis - SL1212103

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AMETHERM Circuit Protec...
MS1215102 AMETHERM-MS1215102 Datasheet
35Kb / 1P
   Circuit Protection Thermistors
SL321R036 AMETHERM-SL321R036 Datasheet
159Kb / 1P
   Circuit Protection Thermistors
SL2210007 AMETHERM-SL2210007 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL2210009-17 AMETHERM-SL2210009-17 Datasheet
30Kb / 1P
   Circuit Protection Thermistors
SL2212102 AMETHERM-SL2212102 Datasheet
31Kb / 1P
   Circuit Protection Thermistors
MS2212102 AMETHERM-MS2212102 Datasheet
34Kb / 1P
   Circuit Protection Thermistors
NT0510052 AMETHERM-NT0510052 Datasheet
73Kb / 1P
   Circuit Protection Thermistors
NT0515311 AMETHERM-NT0515311 Datasheet
32Kb / 2P
   Circuit Protection Thermistors
NT0520052 AMETHERM-NT0520052 Datasheet
77Kb / 2P
   Circuit Protection Thermistors
SL1510005 AMETHERM-SL1510005 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
MS1115101 AMETHERM-MS1115101 Datasheet
34Kb / 1P
   Circuit Protection Thermistors
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com