Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB1R5-4824S Arkusz danych(PDF) 2 Page - Astrodyne Corporation

Numer części SB1R5-4824S
Szczegółowy opis  Isolated and Regulated 1.5 WATT Modular DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTRODYNE [Astrodyne Corporation]
Strona internetowa  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SB1R5-4824S Arkusz danych(HTML) 2 Page - Astrodyne Corporation

  SB1R5-4824S Datasheet HTML 1Page - Astrodyne Corporation SB1R5-4824S Datasheet HTML 2Page - Astrodyne Corporation SB1R5-4824S Datasheet HTML 3Page - Astrodyne Corporation SB1R5-4824S Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
S B 1 R 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Low Ripple and Noise
Regulated Outputs
500V Isolation
Short Circuit Protection
Standard Pinouts
Input PI Filter
Model Number
Output Voltage
Output Amps
Input Range
DUAL OUTPUT
SB1R5-55D
+/-5 VDC
+/-150
4.5-5.5 VDC
SB1R5-125D
+/-150
10.8-13.2 VDC
SB1R5-245D
+/-150
21.6-26.4 VDC
SB1R5-485D
+/-150
43.2-52.8 VDC
SB1R5-512D
+/-12 VDC
+/-60
4.5-5.5 VDC
SB1R5-1212D
+/-60
10.8-13.2 VDC
SB1R5-2412D
+/-60
21.6-26.4 VDC
SB1R5-4812D
+/-60
43.2-52.8 VDC
SB1R5-515D
+/-15 VDC
+/-50
4.5-5.5 VDC
SB1R5-1215D
+/-50
10.8-13.2 VDC
SB1R5-2415D
+/-50
21.6-26.4 VDC
SB1R5-4815D
+/-50
43.2-52.8 VDC
Unit measures 0.8”W x 1.25”L x 0.4”H
Order On-Line!
astrodyne.com


Podobny numer części - SB1R5-4824S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
SB1R5-4824S ASTRODYNE-SB1R5-4824S Datasheet
176Kb / 4P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
More results

Podobny opis - SB1R5-4824S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
ASD105 ASTRODYNE-ASD105 Datasheet
754Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5_16 Datasheet
173Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
SB1R5 ASTRODYNE-SB1R5_16 Datasheet
176Kb / 4P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
ASD105 ASTRODYNE-ASD105_16 Datasheet
177Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com