Zakładka z wyszukiwarką danych komponentów |
|
SL0810101-01 Arkusz danych(PDF) 1 Page - AMETHERM Circuit Protection Thermistors |
|
SL0810101-01 Arkusz danych(HTML) 1 Page - AMETHERM Circuit Protection Thermistors |
|
1 / 1 page DATA SHEET Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670 www.ametherm.com Part Number: SL08 10101-01 Ordering Different Lead Types: For example: to order an inside kinked lead use part number SL08 10101-01 -A Electrical Specifications: Mechanical Specifications: CSA File #: CA 118061 Revision Date: March 19, 2003 Inside Kinked Leads Use -A after Ametherm’s part # Outside Kinked Leads Not Available Resistance @ 25°C 100.0 Ω ± 20% Max Steady State Current Up to 65°C 1.0 A Max Recommended Energy Rating (Joules) 8.0 J Actual Failure Point of Instantaneous Energy (Joules) 16.0 J Resistance @ 100% of Max Current 1.40 Ω Body Temperature @ 100% Current Rating 111 °C Dissipation Constant 7.64mW/°C Thermal Time Constant 15 seconds Material Type “I” Resistance @ 300 milliamp of Current 7.0 Ω Max Power up to 65°C Ambient 2.00 Watts D 7.62 ± 1.0 mm T 5.5 ± 0.2 mm Lead Diameter 0.8 ± 0.05 mm S 5.10 ± 0.3 mm L 38.0 ± 9.0 mm Straight Leads Coating Run Down 5.1 ± 0.5 mm B 5.5 ± 0.50 mm C 3.82 ± 1.0 mm L OUTSIDE KINKED LEADS S STRAIGHT LEADS B INSIDE KINKED LEADS S S D D D C T |
Podobny numer części - SL0810101-01 |
|
Podobny opis - SL0810101-01 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |