Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA48025BF Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TA48025BF
Szczegółowy opis  1 A Three-Terminal Low-Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48025BF Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TA48025BF Datasheet HTML 1Page - Toshiba Semiconductor TA48025BF Datasheet HTML 2Page - Toshiba Semiconductor TA48025BF Datasheet HTML 3Page - Toshiba Semiconductor TA48025BF Datasheet HTML 4Page - Toshiba Semiconductor TA48025BF Datasheet HTML 5Page - Toshiba Semiconductor TA48025BF Datasheet HTML 6Page - Toshiba Semiconductor TA48025BF Datasheet HTML 7Page - Toshiba Semiconductor TA48025BF Datasheet HTML 8Page - Toshiba Semiconductor TA48025BF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TA48015,018,025,033,05,08,09BF
2007-06-25
3
TA48015BF
Electrical Characteristics
(CIN = 0.33 μF, COUT = 2.2 μF, Tj = 25°C, unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 3.5 V, IOUT = 0.5 A
1.455
1.500
1.545
Output voltage
VOUT
3.4 V <= VIN <= 6.5 V,
5 mA <= IOUT <= 1 A, 0°C <= Tj <= 125°C
1.44
1.50
1.56
V
Line regulation
Reg・line
3.4 V <= VIN <= 6.5 V, IOUT = 0.5 A
4.5
20.0
mV
Load regulation
Reg・load
VIN = 3.5 V, 5 mA <= IOUT <= 1 A
2
20
mV
3.4 V <= VIN <= 6.5 V, IOUT = 0 A
0.85
1.70
Quiescent current
IB
3.4 V <= VIN <= 6.5 V, IOUT = 1 A
10
20
mA
VIN = 2.1 V, IOUT = 0 A
0.7
2.3
Starting quiescent current
IBstart
VIN = 3.4 V, IOUT = 1 A
13.0
28.5
mA
Output noise voltage
VNO
VIN = 3.5 V, IOUT = 50 mA,
10 Hz <= f <= 100 kHz
75
μVrms
Ripple rejection
R.R.
3.5 V <= VIN <= 6.5 V, IOUT = 50 mA,
f
= 120 Hz
54
65
dB
IOUT = 0.5 A
0.95
1.10
Dropout voltage
VD
IOUT = 1 A
1.9
V
Average temperature coefficient of
output voltage
TCVO
VIN = 3.5 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
0.14
mV/°C
TA48018BF
Electrical Characteristics
(CIN = 0.33 μF, COUT = 2.2 μF, Tj = 25°C, unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 3.8 V, IOUT = 0.5 A
1.746
1.800
1.854
Output voltage
VOUT
3.4 V <= VIN <= 6.8 V,
5 mA <= IOUT <= 1 A, 0°C <= Tj <= 125°C
1.728
1.800
1.872
V
Line regulation
Reg・line
3.4 V <= VIN <= 6.8 V, IOUT = 0.5 A
5.6
20.0
mV
Load regulation
Reg・load
VIN = 3.8 V, 5 mA <= IOUT <= 1 A
2.4
20.0
mV
3.4 V <= VIN <= 6.8 V, IOUT = 0 A
0.85
1.70
Quiescent current
IB
3.4 V <= VIN <= 6.8 V, IOUT = 1 A
10
20
mA
VIN = 2.1 V, IOUT = 0 A
0.7
2.3
Starting quiescent current
IBstart
VIN = 3.4 V, IOUT = 1 A
14.0
28.5
mA
Output noise voltage
VNO
VIN = 3.8 V, IOUT = 50 mA,
10 Hz <= f <= 100 kHz
75
μVrms
Ripple rejection
R.R.
3.4 V <= VIN <= 6.8 V, IOUT = 50 mA,
f
= 120 Hz
54
66
dB
IOUT = 0.5 A
0.41
0.50
Dropout voltage
VD
IOUT = 1 A
1.6
V
Average temperature coefficient of
output voltage
TCVO
VIN = 3.8 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
0.15
mV/°C


Podobny numer części - TA48025BF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA48025BF TOSHIBA-TA48025BF Datasheet
235Kb / 12P
   1 A Three-Terminal Low-Dropout Voltage Regulator
More results

Podobny opis - TA48025BF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA48015BF TOSHIBA-TA48015BF_09 Datasheet
235Kb / 12P
   1 A Three-Terminal Low-Dropout Voltage Regulator
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com