Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA4802F Arkusz danych(PDF) 8 Page - Toshiba Semiconductor

Numer części TA4802F
Szczegółowy opis  1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4802F Arkusz danych(HTML) 8 Page - Toshiba Semiconductor

Back Button TA4802F Datasheet HTML 4Page - Toshiba Semiconductor TA4802F Datasheet HTML 5Page - Toshiba Semiconductor TA4802F Datasheet HTML 6Page - Toshiba Semiconductor TA4802F Datasheet HTML 7Page - Toshiba Semiconductor TA4802F Datasheet HTML 8Page - Toshiba Semiconductor TA4802F Datasheet HTML 9Page - Toshiba Semiconductor TA4802F Datasheet HTML 10Page - Toshiba Semiconductor TA4802F Datasheet HTML 11Page - Toshiba Semiconductor TA4802F Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TA48018,02,025,03,033,05F/S
2006-11-02
8
IB – IOUT
VOUT – IOUT
VD – Tj
R.R. – f
Output current IOUT (A)
Output current IOUT (A)
Junction temperature Tj (°C)
Frequency f (kHz)
0
20
8
16
4
1
0
0.4
0.2
0.8
12
TA48033F/S
VIN = 5 V
Tj = 25°C
0.6
0
70
30
60
10
100
0.1
1
40
10
20
50
TA48033F/S
VIN = 5 V
IOUT = 50 mA
Tj = 25°C
2
0
1
0.5
1.5
TA48033F/S
VIN = 5 V
Tj = 25°C
0
1
2
4
3
IOUT = 0.1 A
0
0.6
0.2
0.5
0.1
150
−50
50
0
0.4
TA48033F/S
100
IOUT = 0.5 A
IOUT = 1 A
0.3


Podobny numer części - TA4802F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA4802F TOSHIBA-TA4802F Datasheet
265Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
More results

Podobny opis - TA4802F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F Datasheet
265Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
TA48L018F TOSHIBA-TA48L018F Datasheet
188Kb / 10P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
logo
Allegro MicroSystems
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
logo
Sanken electric
SI-3003KWM SANKEN-SI-3003KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
logo
Allegro MicroSystems
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
logo
Toshiba Semiconductor
TA48015F TOSHIBA-TA48015F Datasheet
242Kb / 9P
   1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Allegro MicroSystems
SI-3018KM ALLEGRO-SI-3018KM Datasheet
371Kb / 9P
   1 A, Low-Dropout, 1.8 V Regulator
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com