Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA4808BF Arkusz danych(PDF) 9 Page - Toshiba Semiconductor

Numer części TA4808BF
Szczegółowy opis  1 A Three-Terminal Low-Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4808BF Arkusz danych(HTML) 9 Page - Toshiba Semiconductor

Back Button TA4808BF Datasheet HTML 3Page - Toshiba Semiconductor TA4808BF Datasheet HTML 4Page - Toshiba Semiconductor TA4808BF Datasheet HTML 5Page - Toshiba Semiconductor TA4808BF Datasheet HTML 6Page - Toshiba Semiconductor TA4808BF Datasheet HTML 7Page - Toshiba Semiconductor TA4808BF Datasheet HTML 8Page - Toshiba Semiconductor TA4808BF Datasheet HTML 9Page - Toshiba Semiconductor TA4808BF Datasheet HTML 10Page - Toshiba Semiconductor TA4808BF Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TA48015,018,025,033,05,08,09BF
2007-06-25
9
Dropout voltage VD (V)
I PEAK – VD
I B – Tj
Junction temperature Tj (°C)
0
2.0
0.4
1.2
0.8
1.6
0
−50
150
50
100
Output current IOUT
(A )
VD – I OUT
0
0.6
0.8
0
0.6
1.0
0.4
0.2
0.2
0.4
0.8
Junction temperature Tj (°C)
I PEAK – Tj
0
2.0
2.5
−50
50
150
1.0
1.5
0.5
0
100
0
2.4
0.4
1.6
0.8
2.0
0
4
8
2
6
1.2
TA48033BF
VIN = 5 V
I OUT = 0 A
TA48033BF
Tj = 25 °C
TA48033BF
VIN = 5 V
TA48033BF
Tj = 25 °C
Junction temperature Tj (°C)
VD – Tj
0
0.8
1.0
-50
50
150
0.4
0.6
0.2
0
100
0.1 A
0.5 A
I OUT = 1 A
TA48033BF


Podobny numer części - TA4808BF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA4808BF TOSHIBA-TA4808BF Datasheet
235Kb / 12P
   1 A Three-Terminal Low-Dropout Voltage Regulator
More results

Podobny opis - TA4808BF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA48015BF TOSHIBA-TA48015BF_09 Datasheet
235Kb / 12P
   1 A Three-Terminal Low-Dropout Voltage Regulator
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com