Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA7807F Arkusz danych(PDF) 7 Page - Toshiba Semiconductor

Numer części TA7807F
Szczegółowy opis  5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three Terminal Positive Voltage Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7807F Arkusz danych(HTML) 7 Page - Toshiba Semiconductor

Back Button TA7807F Datasheet HTML 3Page - Toshiba Semiconductor TA7807F Datasheet HTML 4Page - Toshiba Semiconductor TA7807F Datasheet HTML 5Page - Toshiba Semiconductor TA7807F Datasheet HTML 6Page - Toshiba Semiconductor TA7807F Datasheet HTML 7Page - Toshiba Semiconductor TA7807F Datasheet HTML 8Page - Toshiba Semiconductor TA7807F Datasheet HTML 9Page - Toshiba Semiconductor TA7807F Datasheet HTML 10Page - Toshiba Semiconductor TA7807F Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TA7805,057,06,07,08,09,10,12,15,18,20,24F
2007-02-08
7
TA7815F
Electrical Characteristics
(Unless otherwise specified, VIN = 23 V, IOUT = 500 mA, 0°C Tj 125°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C, IOUT = 100 mA
14.4
15.0
15.6
V
17.5 V ≤ VIN ≤ 30 V
11
300
Line regulation
Reg·line
1
Tj = 25°C
20 V ≤ VIN ≤ 26 V
3
150
mV
5 mA ≤ IOUT ≤ 1.4 A
12
300
Load regulation
Reg·load
1
Tj = 25°C
250 mA ≤ IOUT ≤ 750 mA
4
150
mV
Output voltage
VOUT
1
Tj = 25°C
17.5 V ≤ VIN ≤ 30 V
5.0 mA ≤ IOUT ≤ 1.0 A
14.25
15.75
V
Quiescent current
IB
1
Tj = 25°C, IOUT = 5 mA
4.4
8.0
mA
Quiescent current change
ΔIB
1
17.5 V ≤ VIN ≤ 30 V,
IOUT = 5 mA, Tj = 25°C
1.0
mA
Output noise voltage
VNO
2
Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz
IOUT = 50 mA
110
μVrms
Ripple rejection
R.R.
3
f = 120 Hz, 23 V ≤ VIN ≤ 28.5 V
IOUT = 50 mA, Tj = 25°C
49
65
dB
Dropout voltage
VD
1
IOUT = 1.0 A, Tj = 25°C
2.0
V
Short circuit current limit
ISC
1
Tj = 25°C
0.5
A
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5 mA
−2.0
mV/°C
TA7818F
Electrical Characteristics
(Unless otherwise specified, VIN = 27 V, IOUT = 500 mA, 0°C Tj 125°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C, IOUT = 100 mA
17.3
18.0
18.7
V
21 V ≤ VIN ≤ 33 V
13
360
Line regulation
Reg·line
1
Tj = 25°C
24 V ≤ VIN ≤ 30 V
4
180
mV
5 mA ≤ IOUT ≤ 1.4 A
12
360
Load regulation
Reg·load
1
Tj = 25°C
250 mA ≤ IOUT ≤ 750 mA
4
180
mV
Output voltage
VOUT
1
Tj = 25°C
21 V ≤ VIN ≤ 33 V
5.0 mA ≤ IOUT ≤ 1.0 A
17.1
18.9
V
Quiescent current
IB
1
Tj = 25°C, IOUT = 5 mA
4.5
8.0
mA
Quiescent current change
ΔIB
1
21 V ≤ VIN ≤ 33 V,
IOUT = 5 mA, Tj = 25°C
1.0
mA
Output noise voltage
VNO
2
Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz
IOUT = 50 mA
125
μVrms
Ripple rejection
R.R.
3
f = 120 Hz, 27 V ≤ VIN ≤ 32 V
IOUT = 50 mA, Tj = 25°C
47
63
dB
Dropout voltage
VD
1
IOUT = 1.0 A, Tj = 25°C
2.0
V
Short circuit current limit
ISC
1
Tj = 25°C
0.4
A
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5 mA
−2.5
mV/°C


Podobny numer części - TA7807F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA7807F TOSHIBA-TA7807F Datasheet
314Kb / 18P
   Three Terminal Positive Voltage Regulators
More results

Podobny opis - TA7807F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA7805SB TOSHIBA-TA7805SB_07 Datasheet
662Kb / 15P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three-Terminal Positive Voltage Regulators
TA78DS05BP TOSHIBA-TA78DS05BP_06 Datasheet
528Kb / 11P
   5 V, 6 V, 8 V, 9 V, 10 V, 12 V, 15 V Low Dropout Voltage Regulator
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
logo
Infineon Technologies A...
TLE4266 INFINEON-TLE4266_08 Datasheet
212Kb / 14P
   5 V/10 V Low Drop Voltage Regulator Output voltage 5 V or 10 V
Rev. 2.5, 2008-03-10
logo
Analog Devices
ADR01 AD-ADR01 Datasheet
837Kb / 20P
   Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
REV. F
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
logo
Texas Instruments
PT6653E TI-PT6653E Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
logo
Vishay Siliconix
DG417LE VISHAY-DG417LE_V01 Datasheet
346Kb / 19P
   6 ??On-Resistance, 12 V, 짹 5 V, 5 V, 3 V, SPST and SPDT Switches
01-Jan-2022
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F_06 Datasheet
298Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
TA48L018F TOSHIBA-TA48L018F Datasheet
188Kb / 10P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com