Zakładka z wyszukiwarką danych komponentów |
|
TA7809F Arkusz danych(PDF) 5 Page - Toshiba Semiconductor |
|
TA7809F Arkusz danych(HTML) 5 Page - Toshiba Semiconductor |
5 / 18 page TA7805,057,06,07,08,09,10,12,15,18,20,24F 2007-02-08 5 TA7808F Electrical Characteristics (Unless otherwise specified, VIN = 14 V, IOUT = 500 mA, 0°C ≤ Tj ≤ 125°C) Characteristics Symbol Test Circuit Test Condition Min Typ. Max Unit Output voltage VOUT 1 Tj = 25°C, IOUT = 100 mA 7.7 8.0 8.3 V 10.5 V ≤ VIN ≤ 25 V ― 6 160 Line regulation Reg·line 1 Tj = 25°C 11 V ≤ VIN ≤ 17 V ― 2 80 mV 5 mA ≤ IOUT ≤ 1.4 A ― 12 160 Load regulation Reg·load 1 Tj = 25°C 250 mA ≤ IOUT ≤ 750 mA ― 4 80 mV Output voltage VOUT 1 Tj = 25°C 10.5 V ≤ VIN ≤ 23 V 5.0 mA ≤ IOUT ≤ 1.0 A 7.6 ― 8.4 V Quiescent current IB 1 Tj = 25°C, IOUT = 5 mA ― 4.3 8.0 mA Quiescent current change ΔIB 1 10.5 V ≤ VIN ≤ 25 V, IOUT = 5 mA, Tj = 25°C ― ― 1.0 mA Output noise voltage VNO 2 Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz IOUT = 50 mA ― 70 ― μVrms Ripple rejection R.R. 3 f = 120 Hz, 14 V ≤ VIN ≤ 21.5 V IOUT = 50 mA, Tj = 25°C 53 69 ― dB Dropout voltage VD 1 IOUT = 1.0 A, Tj = 25°C ― 2.0 ― V Short circuit current limit ISC 1 Tj = 25°C ― 1.1 ― A Average temperature coefficient of output voltage TCVO 1 IOUT = 5 mA ― −1.0 ― mV/°C TA7809F Electrical Characteristics (Unless otherwise specified, VIN = 15 V, IOUT = 500 mA, 0°C ≤ Tj ≤ 125°C) Characteristics Symbol Test Circuit Test Condition Min Typ. Max Unit Output voltage VOUT 1 Tj = 25°C, IOUT = 100 mA 8.64 9.0 9.36 V 11.5 V ≤ VIN ≤ 26 V ― 7.0 180 Line regulation Reg·line 1 Tj = 25°C 13 V ≤ VIN ≤ 19 V ― 2.5 90 mV 5 mA ≤ IOUT ≤ 1.4 A ― 12 180 Load regulation Reg·load 1 Tj = 25°C 250 mA ≤ IOUT ≤ 750 mA ― 4 90 mV Output voltage VOUT 1 Tj = 25°C 11.5 V ≤ VIN ≤ 24 V 5.0 mA ≤ IOUT ≤ 1.0 A 8.55 ― 9.45 V Quiescent current IB 1 Tj = 25°C, IOUT = 5 mA ― 4.3 8.0 mA Quiescent current change ΔIB 1 11.5 V ≤ VIN ≤ 26 V, IOUT = 5 mA, Tj = 25°C ― ― 1.0 mA Output noise voltage VNO 2 Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz IOUT = 50 mA ― 75 ― μVrms Ripple rejection R.R. 3 f = 120 Hz, 15 V ≤ VIN ≤ 22.5 V IOUT = 50 mA, Tj = 25°C 51 67 ― dB Dropout voltage VD 1 IOUT = 1.0 A, Tj = 25°C ― 2.0 ― V Short circuit current limit ISC 1 Tj = 25°C ― 1.0 ― A Average temperature coefficient of output voltage TCVO 1 IOUT = 5 mA ― −1.1 ― mV/°C |
Podobny numer części - TA7809F |
|
Podobny opis - TA7809F |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |