Zakładka z wyszukiwarką danych komponentów |
|
SL2210009 Arkusz danych(PDF) 1 Page - AMETHERM Circuit Protection Thermistors |
|
SL2210009 Arkusz danych(HTML) 1 Page - AMETHERM Circuit Protection Thermistors |
|
1 / 1 page DATA SHEET Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670 www.ametherm.com Part Number: SL22 10009 Ordering Different Lead Types: For example: to order an inside kinked lead use part number SL22 10009- A Electrical Specifications: Mechanical Specifications: Revision Date: April 13, 2005 Inside Kinked Leads Use -A after Ametherm’s part # Outside Kinked Leads Use -B after Ametherm’s part # Resistance @ 25°C 10.0 Ω ± 20% Max Steady State Current Up to 65 °C 9.0 A Max Recommended Energy Rating (Joules) 100.0 J Actual Failure Point of Instantaneous Energy (Joules) 220.0 J Resistance @ 100% of Max Current 0.095 Ω Resistance @ 50% of Max Current 0.220 Ω Body Temperature @ 100% Current Rating 192 °C Dissipation Constant 45.5mW/°C Thermal Time Constant 94 seconds Material Type “H” Max Recommended Capacitance @ 120/240/440 VAC 6900 µF/1750µF/ 500 µF D 20.0 ± 1.0 mm T 5.0 ± 0.2 mm Lead Diameter 1.0 ± 0.1 mm S 7.8 ± 2.0 mm L 38.0 ± 9.0 mm Straight Leads Coating Run Down 5.0 ± 1.0 mm B 9.36 ± 0.85 mm C 3.82 ± 1.0 mm L OUTSIDE KINKED LEADS S STRAIGHT LEADS B INSIDE KINKED LEADS S S D D D C T |
Podobny numer części - SL2210009 |
|
Podobny opis - SL2210009 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |