Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7MA2541FK Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TC7MA2541FK
Szczegółowy opis  CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MA2541FK Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TC7MA2541FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 8Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC7MA2541FK
2007-10-19
4
DC Characteristics (Ta = −40~85°C, 2.3 V <= VCC <= 2.7 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
2.3~2.7
1.6
Input voltage
Low level
VIL
2.3~2.7
0.7
V
IOH = −100 μA
2.3~2.7
VCC
0.2
IOH = −4 mA
2.3
2.0
IOH = −6 mA
2.3
1.8
High level
VOH
VIN = VIH or VIL
IOH = −8 mA
2.3
1.7
IOL = 100 μA
2.3~2.7
0.2
IOL = 6 mA
2.3
0.4
Output voltage
Low level
VOL
VIN = VIH or VIL
IOL = 8 mA
2.3
0.6
V
Input leakage current
IIN
VIN = 0~3.6 V
2.3~2.7
±5.0
μA
3-state output off-state current
IOZ
VIN = VIH or VIL
VOUT = 0~3.6 V
2.3~2.7
±10.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
10.0
μA
VIN = VCC or GND
2.3~2.7
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
2.3~2.7
±20.0
μA
DC Characteristics (Ta = −40~85°C, 1.8 V <= VCC < 2.3 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
1.8~2.3
0.7
×
VCC
Input voltage
Low level
VIL
1.8~2.3
0.2
×
VCC
V
IOH = −100 μA
1.8
VCC
0.2
High level
VOH
VIN = VIH or VIL
IOH = −4 mA
1.8
1.4
IOL = 100 μA
1.8
0.2
Output voltage
Low level
VOL
VIN = VIH or VIL
IOL = 4 mA
1.8
0.3
V
Input leakage current
IIN
VIN = 0~3.6 V
1.8
±5.0
μA
3-state output off-state current
IOZ
VIN = VIH or VIL
VOUT = 0~3.6 V
1.8
±10.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
10.0
μA
VIN = VCC or GND
1.8
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
1.8
±20.0
μA


Podobny numer części - TC7MA2541FK_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7MA2541FK TOSHIBA-TC7MA2541FK Datasheet
315Kb / 8P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Podobny opis - TC7MA2541FK_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX541FT TOSHIBA-TC74VCX541FT_07 Datasheet
286Kb / 13P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT_07 Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MA244FK TOSHIBA-TC7MA244FK_07 Datasheet
226Kb / 11P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA541FK TOSHIBA-TC7MA541FK_07 Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX244FT TOSHIBA-TC74VCX244FT_07 Datasheet
263Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2541FT TOSHIBA-TC74VCX2541FT_07 Datasheet
272Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com