Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7MBL6353SFT Arkusz danych(PDF) 7 Page - Toshiba Semiconductor

Numer części TC7MBL6353SFT
Szczegółowy opis  Low Voltage/Low Capacitance Dual 1-of-2 Multiplexer/Demultiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBL6353SFT Arkusz danych(HTML) 7 Page - Toshiba Semiconductor

Back Button TC7MBL6353SFT Datasheet HTML 3Page - Toshiba Semiconductor TC7MBL6353SFT Datasheet HTML 4Page - Toshiba Semiconductor TC7MBL6353SFT Datasheet HTML 5Page - Toshiba Semiconductor TC7MBL6353SFT Datasheet HTML 6Page - Toshiba Semiconductor TC7MBL6353SFT Datasheet HTML 7Page - Toshiba Semiconductor TC7MBL6353SFT Datasheet HTML 8Page - Toshiba Semiconductor TC7MBL6353SFT Datasheet HTML 9Page - Toshiba Semiconductor TC7MBL6353SFT Datasheet HTML 10Page - Toshiba Semiconductor TC7MBL6353SFT Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TC7MBL6353SFT/FK/FTG
2007-10-19
7
Rise and Fall Times (tr / tf) of the TC7MBL6353S I/O Signals
The tr(out) and tf(out) values of the output signals are affected by the CR time constant of the input, which consists of
the switch terminal capacitance (CI/O) and the on-resistance (RON) of the input.
In practice, the tr(out) and tf(out) values are also affected by the circuit’s capacitance and resistance components other
than those of the TC7MBL6353S.
The tr / tf (out) values can be approximated as follows. (Figure 4 shows the test circuit.)
tr / tf out (approx) = - ( CI/O + CL ) ・ (RDRIVE+ RON) ・ ln ( ( ( VOH – VOL ) – VM) / ( VOH – VOL ) )
where, RDRIVE is the output impedance of the previous-stage circuit.
Calculation example:
tr out (approx) = - ( 15 + 15 )E-12 ・ ( 120 + 9) ・ ln ( ( ( 3.0 - 0 ) – 1.5 ) / ( 3.0 – 0 ) )
≈ 2.7 ns
Calculation conditions:
VCC = 3.0V , CL = 15pF , RDRIVE = 120Ω(output impedance of the previous IC), VM = 1.5V (VCC / 2)
Output of the previous IC = digital (i.e., high-level voltage = VCC; low-level voltage = GND)
VCC
Parameter
3.3 ± 0.3 V
2.5 ± 0.2 V
1.8 ± 0.15 V
VM
VCC / 2
VCC / 2
VCC / 2
Figure 4 Test Circuit
Measure
An/Bn
CI/O
(Switch On)
TC7MBL6353S
RDRIVE
Previous IC
Bn/An
RDRIVE = output impedance of the previous IC
RON
VOL
VOH
VM
tr out
VM
Measure
RDRIVE
Previous IC
RDRIVE = output impedance of the previous IC
VCC
GND
Waveform generated without the TC7MBL6353S
tf out
Waveform generated with the TC7MBL6353S added


Podobny numer części - TC7MBL6353SFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7MBL6353SFT TOSHIBA-TC7MBL6353SFT Datasheet
255Kb / 11P
   Low Voltage/Low Capacitance Dual 1-of-2 Multiplexer/Demultiplexer
TC7MBL6353SFTG TOSHIBA-TC7MBL6353SFTG Datasheet
255Kb / 11P
   Low Voltage/Low Capacitance Dual 1-of-2 Multiplexer/Demultiplexer
TC7MBL6353SFT TOSHIBA-TC7MBL6353SFT_08 Datasheet
255Kb / 11P
   Low Voltage/Low Capacitance Dual 1-of-2 Multiplexer/Demultiplexer
More results

Podobny opis - TC7MBL6353SFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7MBL6353SFT TOSHIBA-TC7MBL6353SFT_08 Datasheet
255Kb / 11P
   Low Voltage/Low Capacitance Dual 1-of-2 Multiplexer/Demultiplexer
TC7MB3257CFT TOSHIBA-TC7MB3257CFT Datasheet
268Kb / 11P
   Low Capacitance Quad 1-of-2 Multiplexer/Demultiplexer
2014-03-01
logo
Integrated Device Techn...
IDT74CBTLV3253 IDT-IDT74CBTLV3253 Datasheet
148Kb / 5P
   LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
IDT74CBTLV3253 IDT-IDT74CBTLV3253_14 Datasheet
104Kb / 5P
   LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
logo
Renesas Technology Corp
74CBTLV3253 RENESAS-74CBTLV3253 Datasheet
276Kb / 6P
   LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
MAY 2019
logo
Texas Instruments
SN74CBTLV3253 TI-SN74CBTLV3253_08 Datasheet
732Kb / 17P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3253 TI-SN74CBTLV3253 Datasheet
84Kb / 6P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV16235 TI-SN74CBTLV16235 Datasheet
139Kb / 8P
[Old version datasheet]   LOW-VOLTAGE 18-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257 TI-SN74CBTLV3257_10 Datasheet
793Kb / 20P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
74CBTLV16292DLG4 TI1-74CBTLV16292DLG4 Datasheet
516Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com