Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7MH161FK Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TC7MH161FK
Szczegółowy opis  Synchronous Presettable 4-Bit Binary Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH161FK Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TC7MH161FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MH161FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MH161FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MH161FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MH161FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MH161FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MH161FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MH161FK_07 Datasheet HTML 8Page - Toshiba Semiconductor TC7MH161FK_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC7MH161,163FK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
TC7MH161FK
TC7MH163FK
Inputs
Inputs
Outputs
CLR
LD
ENP
ENT
CK
CLR
LD
ENP
ENT
CK
QA
QB
QC
QD
Function
L
X
X
X
X
L
X
X
X
L
L
L
L
Reset to “0”
H
L
X
X
H
L
X
X
A
B
C
D
Reset data。
H
H
X
L
H
H
X
L
No change
No count
H
H
L
X
H
H
L
X
No change
No count
H
H
H
H
H
H
H
H
Count up
Count
H
X
X
X
X
X
X
X
No change
No count
X: Don’t care
A, B, C, D: Logic level of data inputs
Carry: CARRY
= ENT・QA・QB・QC・QD
CLR
1
2
3
4
5
6
7
CK
A
B
C
D
ENP
8
GND
QA
14
QB
QC
QD
ENT
LOAD
13
12
11
10
9
15
CARRY OUTPUT
16
VCC
TC7MH161FK
(1)
(9)
(10)
(7)
(2)
(3)
(4)
(5)
(6)
(12)
(15)
(14)
CTRDIV 16
(11)
(13)
3CT
= 15
CT
= 0
M1
M2
G3
G4
C5/2, 3, 4
+
1, 5D
[2]
[1]
[4]
[8]
CARRY
OUTPUT
QA
QB
QC
QD
A
B
C
D
ENT
ENP
CK
CLR
LOAD
TC7MH163FK
(1)
(9)
(10)
(7)
(2)
(3)
(4)
(5)
(6)
(12)
(15)
(14)
CTRDIV 16
(11)
(13)
3CT
= 15
5CT
= 0
M1
M2
G3
G4
C5/2, 3, 4
+
1, 5D
[2]
[1]
[4]
[8]
CARRY
OUTPUT
QA
QB
QC
QD
A
B
C
D
ENT
ENP
CK
CLR
LOAD


Podobny numer części - TC7MH161FK_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7MH161FK TOSHIBA-TC7MH161FK Datasheet
193Kb / 12P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Podobny opis - TC7MH161FK_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74AC161F TOSHIBA-TC74AC161F Datasheet
428Kb / 11P
   SYNCHRONOUS PRESETTABLE 4 BIT BINARY COUNTER
TC74ACT161P TOSHIBA-TC74ACT161P Datasheet
411Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT BINARY COUNTER
TC74ACT161F TOSHIBA-TC74ACT161F_12 Datasheet
410Kb / 12P
   Synchronous Presettable 4-Bit Binary Counter
logo
NXP Semiconductors
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
logo
Nexperia B.V. All right...
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
logo
NXP Semiconductors
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
   Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
logo
Nexperia B.V. All right...
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
logo
NXP Semiconductors
74LVC163 PHILIPS-74LVC163 Datasheet
115Kb / 12P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74HCT163-Q100 NEXPERIA-74HCT163-Q100 Datasheet
292Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 2 - 12 October 2018
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com