Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7MH163FK Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TC7MH163FK
Szczegółowy opis  Synchronous Presettable 4-Bit Binary Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH163FK Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TC7MH163FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MH163FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MH163FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MH163FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MH163FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MH163FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MH163FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MH163FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MH163FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC7MH161,163FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH161FK,TC7MH163FK
Synchronous Presettable 4-Bit Binary Counter
TC7MH161FK Asynchronous Clear
TC7MH163FK Synchronous Clear
The TC7MH161FK and 163FK are advanced high speed CMOS
synchronous presettable 4-bit binary counters fabricated with
silicon gate C2MOS technology.
They achieve the high speed operation similar to equivalent
bipolar schottky TTL while maintaining the CMOS low power
dissipation.
The CK input is active on the rising edge. Both LOAD and CLR
inputs are active on low logic level.
Presetting of each IC’s is synchronous to the rising edge of CK.
The clear function of the TC7MH163FK is synchronous to CK,
while the TC7MH161FK are cleared asynchronously.
Two enable inputs (ENP and ENT) and CARRY OUTPUT are provided to enable easy cascading of counters,
which facilitates easy implementation of n-bit counters without using external gates.
An input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply
voltage. This device can be used to interface 5 V to 3 V systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched supply and input voltages.
Features
• High speed: fmax = 185 MHz (typ.) (VCC = 5 V)
• Low power dissipation: ICC = 4 μA (max) (Ta = 25°C)
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is equipped with all inputs.
• Balanced propagation delays: tpLH ≈ tpHL
• Wide operating voltage range: VCC (opr) = 2~5.5 V
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with 74ALS161/163
Weight: 0.02 g (typ.)


Podobny numer części - TC7MH163FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7MH163FK TOSHIBA-TC7MH163FK Datasheet
193Kb / 12P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Podobny opis - TC7MH163FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74AC161F TOSHIBA-TC74AC161F Datasheet
428Kb / 11P
   SYNCHRONOUS PRESETTABLE 4 BIT BINARY COUNTER
TC74ACT161P TOSHIBA-TC74ACT161P Datasheet
411Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT BINARY COUNTER
TC74ACT161F TOSHIBA-TC74ACT161F_12 Datasheet
410Kb / 12P
   Synchronous Presettable 4-Bit Binary Counter
logo
NXP Semiconductors
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
logo
Nexperia B.V. All right...
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
logo
NXP Semiconductors
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
   Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
logo
Nexperia B.V. All right...
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
logo
NXP Semiconductors
74LVC163 PHILIPS-74LVC163 Datasheet
115Kb / 12P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74HCT163-Q100 NEXPERIA-74HCT163-Q100 Datasheet
292Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 2 - 12 October 2018
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com