Zakładka z wyszukiwarką danych komponentów |
|
TC7MH374FK Arkusz danych(PDF) 1 Page - Toshiba Semiconductor |
|
TC7MH374FK Arkusz danych(HTML) 1 Page - Toshiba Semiconductor |
1 / 8 page TC7MH374FK 2007-10-19 1 TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic TC7MH374FK Octal D-Type Flip-Flop with 3-State Output The TC7MH374FK is an advanced high speed CMOS octal flip-flop with 3-state output fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent bipolar schottky TTL while maintaining the CMOS low power dissipation. This 8-bit D-type flip-flop is controlled by a clock input (CK) and an output enable input (OE). When the OE input is high, the eight outputs are in a high impedance state. An input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5 V to 3 V systems and two supply systems such as battery back up. This circuit prevents device destruction due to mismatched supply and input voltages. Features • High speed: fmax = 185 MHz (typ.) (VCC = 5 V) • Low power dissipation: ICC = 4 μA (max) (Ta = 25°C) • High noise immunity: VNIH = VNIL = 28% VCC (min) • Power down protection is provided on all inputs. • Balanced propagation delays: tpLH ≈ tpHL • Wide operating voltage range: VCC (opr) = 2~5.5 V • Low noise: VOLP = 0.8 V (max) • Pin and function compatible with 74ALS374 Weight: 0.03 g (typ.) |
Podobny numer części - TC7MH374FK |
|
Podobny opis - TC7MH374FK |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |