Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7MP85410FT Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TC7MP85410FT
Szczegółowy opis  Octal Bus Buffer with Output Series Resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MP85410FT Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TC7MP85410FT Datasheet HTML 1Page - Toshiba Semiconductor TC7MP85410FT Datasheet HTML 2Page - Toshiba Semiconductor TC7MP85410FT Datasheet HTML 3Page - Toshiba Semiconductor TC7MP85410FT Datasheet HTML 4Page - Toshiba Semiconductor TC7MP85410FT Datasheet HTML 5Page - Toshiba Semiconductor TC7MP85410FT Datasheet HTML 6Page - Toshiba Semiconductor TC7MP85410FT Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7MP85410FT
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC7MP85410FT
Octal Bus Buffer with Output Series Resistor
The TC7MP85410 is an advanced high-speed CMOS octal bus
buffer fabricated with silicon-gate CMOS technology. It achieves
high-speed operation similar to the equivalent bipolar Schottky
TTL while maintaining the CMOS low power dissipation. The
inputs are compatible with TTL voltage levels, so to the
TC7MP85410 can be used as a level converter for interfacing
3.3-V systems to 5-V systems.
The TC7MP85410 is a non-inverting bus buffer.
The outputs have 47-
Ω (typ.) resistors connected in series, which
can reduce reflection noise without using external resistors.
Input and output protection circuits ensure that 0 to 5.5V can be
applied to the input and output*1 pins without regard to the
supply voltage.
Since power-down protection is provided on both inputs and outputs, the TC7MP85410 can be used in a wide range
of applications, such as interfacing between two different voltage systems, backup battery systems and so on.
Features
• Outputs have 47-Ω (typ.) resistors connected in series.
• High speed: tpd = 4.5 ns (typ.) at VCC = 5 V
• TTL-level inputs: VIL = 0.8 V (max)
VIH = 2.0 V (max)
• Power-down protection is provided on all inputs.
• Low noise: VOLP = 0.35 V (typ)
Weight: 0.08 g (typ.)


Podobny numer części - TC7MP85410FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7MP85400FT TOSHIBA-TC7MP85400FT Datasheet
175Kb / 7P
   Octal Bus Buffer with Output Series Resistor
More results

Podobny opis - TC7MP85410FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7MP85400FT TOSHIBA-TC7MP85400FT Datasheet
175Kb / 7P
   Octal Bus Buffer with Output Series Resistor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com