Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7PA19AFE Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TC7PA19AFE
Szczegółowy opis  Chip Select Decoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PA19AFE Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TC7PA19AFE_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7PA19AFE_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7PA19AFE_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7PA19AFE_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7PA19AFE_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7PA19AFE_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7PA19AFE_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TC7PA19AFE
2007-11-01
5
Figure 1 Test Circuit
AC Waveforms
Figure 2 tpLH, tpHL
Output
Measure
CL = 15 pF or 30 pF
RL = 1M Ω or 500 Ω
VCC
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8
± 0.15 V
1.5
± 0.1 V
VIH
2.7 V
VCC
VCC
VCC
VM
1.5 V
VCC/2
VCC/2
VCC/2
90%
10%
Output
Input
VOL
VOH
VIH
VM
tpLH
tpHL
2.0 ns
GND
2.0 ns
tr
tf
VM


Podobny numer części - TC7PA19AFE_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results

Podobny opis - TC7PA19AFE_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7PA19FU TOSHIBA-TC7PA19FU Datasheet
178Kb / 8P
   Chip Select Decoder
logo
ATMEL Corporation
AT88SC153 ATMEL-AT88SC153_14 Datasheet
790Kb / 24P
   Programmable Chip Select
logo
List of Unclassifed Man...
NKM2401 ETC-NKM2401 Datasheet
345Kb / 15P
   Code/decoder chip
logo
Sanyo Semicon Device
LC74201JE SANYO-LC74201JE Datasheet
301Kb / 21P
   Single Chip MPEG Decoder
logo
Dialog Semiconductor
SLG7NT4779 DIALOG-SLG7NT4779 Datasheet
441Kb / 7P
   Clock Divider and Chip Select Extender
logo
Renesas Technology Corp
SLG7NT4779V RENESAS-SLG7NT4779V Datasheet
349Kb / 7P
   Clock Divider and Chip Select Extender
February 25, 2022
logo
STMicroelectronics
HCF4556 STMICROELECTRONICS-HCF4556 Datasheet
435Kb / 9P
   DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXER OUTPUT LOW ON SELECT
September 2001
HCF4555B STMICROELECTRONICS-HCF4555B Datasheet
524Kb / 10P
   DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXER OUTPUT HIGH ON SELECT
September 2001
TDA3562A STMICROELECTRONICS-TDA3562A Datasheet
195Kb / 9P
   PAL/NTSC ONE-CHIP DECODER
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
   High-speed access and chip select times
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com