Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7PB53TU Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TC7PB53TU
Szczegółowy opis  Single 1-of-2 Demultiplexer with N-channel pull-down MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PB53TU Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TC7PB53TU Datasheet HTML 1Page - Toshiba Semiconductor TC7PB53TU Datasheet HTML 2Page - Toshiba Semiconductor TC7PB53TU Datasheet HTML 3Page - Toshiba Semiconductor TC7PB53TU Datasheet HTML 4Page - Toshiba Semiconductor TC7PB53TU Datasheet HTML 5Page - Toshiba Semiconductor TC7PB53TU Datasheet HTML 6Page - Toshiba Semiconductor TC7PB53TU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7PB53TU
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PB53TU
Single 1-of-2 Demultiplexer with N-channel pull-down MOSFET
The TC7PB53TU is a single 1-of-2 high-speed CMOS
demultiplexer designed for low-voltage applications. The low
ON-resistance of the switch allows the input (COM) to be
connected to the outputs (Ch0 and Ch1) while maintaining
CMOS low power dissipation. The device uses P-channel
MOSFETs for the switch block between the input and output
pins.
When the control input (A) is Low, the data (High-level) in the
COM pin is routed to the Ch0 pin. When the control input (A) is
High, the data (High-level) in the COM pin is routed to the Ch1
pin. The unused pin is clamped to ground using an N-channel
MOSFET.
All inputs are equipped with protection circuits against static discharge.
Features
• Operating voltage range : VCC = 2 to 3.6 V
• High-speed operation
: tpd = 50 ns (max) @2.7 V
• Very low ON-resistance
: RON = 3Ω (max) @2.7 V
• High latch-up immunity : ±300 mA
• ESD performance
: Machine model
≥ ±200 V
Human body model
≥ ±2000 V
• Package
: UF6
Pin Assignment (top view)
Weight: 0.007g (typ.)
Ch1
GND
Ch0
1
2
3
6
4
5
A
VCC
COM
Product name
E B B
Marking


Podobny numer części - TC7PB53TU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7PB54FC TOSHIBA-TC7PB54FC Datasheet
205Kb / 9P
   Single 1-of-3 Demultiplexer with N-channel pull-down MOSFET
TC7PB54FK TOSHIBA-TC7PB54FK Datasheet
205Kb / 9P
   Single 1-of-3 Demultiplexer with N-channel pull-down MOSFET
More results

Podobny opis - TC7PB53TU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7PB54FC TOSHIBA-TC7PB54FC Datasheet
205Kb / 9P
   Single 1-of-3 Demultiplexer with N-channel pull-down MOSFET
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
   1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
   1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
   1-of-2 decoder/demultiplexer
2004 Oct 18
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
   1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
   1-of-2 decoder/demultiplexer
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19 Datasheet
216Kb / 11P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74LVC1G19 NXP-74LVC1G19 Datasheet
82Kb / 15P
   1-of-2 decoder/demultiplexer
Rev. 04-27 August 2007
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com