Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7PB54FK Arkusz danych(PDF) 6 Page - Toshiba Semiconductor

Numer części TC7PB54FK
Szczegółowy opis  Single 1-of-3 Demultiplexer with N-channel pull-down MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PB54FK Arkusz danych(HTML) 6 Page - Toshiba Semiconductor

  TC7PB54FK Datasheet HTML 1Page - Toshiba Semiconductor TC7PB54FK Datasheet HTML 2Page - Toshiba Semiconductor TC7PB54FK Datasheet HTML 3Page - Toshiba Semiconductor TC7PB54FK Datasheet HTML 4Page - Toshiba Semiconductor TC7PB54FK Datasheet HTML 5Page - Toshiba Semiconductor TC7PB54FK Datasheet HTML 6Page - Toshiba Semiconductor TC7PB54FK Datasheet HTML 7Page - Toshiba Semiconductor TC7PB54FK Datasheet HTML 8Page - Toshiba Semiconductor TC7PB54FK Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TC7PB54FC/FK
2007-10-19
6
AC Test Circuit
Figure 1
AC Waveforms
Figure 2 tpLH, tpHL
CL = 50 pF
RL = 500 Ω
Output
Measure
90%
10%
Input
(A,B)
GND
VCC
tr 2.5 ns
50%
tr 2.5 ns
Input
(COM)
GND
VCC
Output
(Ch0, Ch1, Ch2)
VOL
VOH
50%
tpLH
tpHL


Podobny numer części - TC7PB54FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7PB53TU TOSHIBA-TC7PB53TU Datasheet
170Kb / 7P
   Single 1-of-2 Demultiplexer with N-channel pull-down MOSFET
More results

Podobny opis - TC7PB54FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7PB53TU TOSHIBA-TC7PB53TU Datasheet
170Kb / 7P
   Single 1-of-2 Demultiplexer with N-channel pull-down MOSFET
logo
Texas Instruments
SN74LVC1G18 TI-SN74LVC1G18_07 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI1-SN74LVC1G18_15 Datasheet
1Mb / 23P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI-SN74LVC1G18 Datasheet
332Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
74CBT16214DGGRE4 TI-74CBT16214DGGRE4 Datasheet
298Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214 Datasheet
78Kb / 5P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214_08 Datasheet
313Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214_07 Datasheet
283Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com