Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74LCX16245FT Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TC74LCX16245FT
Szczegółowy opis  Low-Voltage 16-Bit Bus Transceiver with 5-V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX16245FT Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TC74LCX16245FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC74LCX16245FT
2007-10-19
3
Truth Table
Inputs
Function
OE
1
1DIR
Bus
1A1-1A8
Bus
1B1-1B8
Outputs
L
L
Output
Input
A
= B
L
H
Input
Output
B
= A
H
X
Z
Z
Inputs
Function
OE
2
2DIR
Bus
2A1-2A8
Bus
2B1-2B8
Outputs
L
L
Output
Input
A
= B
L
H
Input
Output
B
= A
H
X
Z
Z
X: Don’t care
Z: High impedance
System Diagram
1/8
2A1
OE
2
2DIR
2B1
1B1
OE
1
1DIR
1A1


Podobny numer części - TC74LCX16245FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74LCX16245 TOSHIBA-TC74LCX16245 Datasheet
266Kb / 7P
   LOW-VOLTAGE 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX16245AFT TOSHIBA-TC74LCX16245AFT Datasheet
266Kb / 7P
   LOW-VOLTAGE 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

Podobny opis - TC74LCX16245FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT_07 Datasheet
214Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT_07 Datasheet
194Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74LCX16244FT TOSHIBA-TC74LCX16244FT_07 Datasheet
184Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX16244FT TOSHIBA-TC74LCX16244FT Datasheet
141Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT Datasheet
370Kb / 9P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX16245AFT TOSHIBA-TC74LCX16245AFT Datasheet
266Kb / 7P
   LOW-VOLTAGE 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT Datasheet
375Kb / 9P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MZ245FK TOSHIBA-TC7MZ245FK_07 Datasheet
190Kb / 8P
   Low Voltage Octal Bus Transceiver with 5 V Tolerant Inputs and Outputs
TC74LCX245F TOSHIBA-TC74LCX245F_10 Datasheet
235Kb / 12P
   Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
TC74VCX16652FT TOSHIBA-TC74VCX16652FT_07 Datasheet
242Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com