Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74LCX163245FT Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TC74LCX163245FT
Szczegółowy opis  16-Bit Dual Supply Bus Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX163245FT Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TC74LCX163245FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX163245FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX163245FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX163245FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX163245FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX163245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX163245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX163245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX163245FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC74LCX163245FT
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX163245FT
16-Bit Dual Supply Bus Transceiver
The TC74LCX163245FT is a dual supply, advanced high-speed
CMOS 16-bit dual supply voltage interface bus transceiver
fabricated with silicon gate CMOS technology.
Designed for use as an interface between a 3.3-V or a 2.5-V bus
and a 5-V bus in mixed 3.3-V or 2.5-V/5-V supply systems, it
achieves high-speed operation while maintaining the CMOS low
power dissipation. It is intended for two-way asynchronous
communication between data busses.
The direction of data transmission is determined by the level of
the DIR input.
The enable input ( OE ) can be used to disable the device so
that the buses are effectively isolated. The B-port interfaces with
the 3.3-V or 2.5-V bus, the A-port with the 5 V bus.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Features (Note 1) (Note 2)
• Bidirectional interface between 3.3 V or 2.5 V buses and 5 V buses
• High-speed operation:
tpd = 7.0 ns (max)
(VCCB = 3.3 ± 0.3 V/VCCA = 5 ± 0.5 V, Ta = −40 to 85°C)
• Low power dissipation: ICC = 80 μA (max) (Ta = −40 to 85°C)
• Symmetrical ouput impedance: IOUTB = ±24 mA (min)
IOUTA = ±24 mA (min)
(VCCB = 3.0 V/VCCA = 4.5 V)
• Power-down protection provided on all inputs and outputs
• Allows A port and VCCA to float simultaneously in high state at OE pin
• Latch-up performance: −500 mA
• ESD performance: Machine model > ±200 V (Note 2)
• Package: TSSOP
Note 1: Do not apply a signal to any bus pins when it is in the output mode.
Damage may result. All floating (high impedance) bus pins must have their input fixed by means of pull-up
or pull-down resistors.
Note 2: This device is electrostatic sensitivity (human body model
> 1 kV).
Please handle with caution.
Weight: 0.25 g (typ.)


Podobny numer części - TC74LCX163245FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results

Podobny opis - TC74LCX163245FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com