Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74VCX574FT Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TC74VCX574FT
Szczegółowy opis  Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX574FT Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TC74VCX574FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX574FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX574FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX574FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX574FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX574FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX574FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX574FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX574FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TC74VCX574FT/FK
2007-10-19
5
DC Characteristics (Ta = −40~85°C, 1.65 V <= VCC < 2.3 V)
DC Characteristics (Ta = −40~85°C, 1.4V <= VCC <1.65 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
1.65~2.3
0.65
×
VCC
Input voltage
Low level
VIL
1.65~2.3
0.2
×
VCC
V
IOH = −100 μA
1.65~2.3
VCC
0.2
High level
VOH
VIN = VIH or VIL
IOH = −6 mA
1.65
1.25
IOL = 100 μA
1.65~2.3
0.2
Output voltage
Low level
VOL
VIN = VIH or VIL
IOL = 6 mA
1.65
0.3
V
Input leakage current
IIN
VIN = 0~3.6 V
1.65~2.3
±5.0
μA
3-state output off-state current
IOZ
VIN = VIH or VIL
VOUT = 0~3.6 V
1.65
±10.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
10.0
μA
VIN = VCC or GND
1.65~2.3
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
1.65~2.3
±20.0
μA
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
1.4~1.65
0.65
×
VCC
Input voltage
Low level
VIL
1.4~1.65
0.05
×
VCC
V
IOH = −100 μA
1.4~1.65
VCC
0.2
High level
VOH
VIN = VIH or VIL
IOH = −2 mA
1.4
1.05
IOL = 100 μA
1.4~1.65
0.05
Output voltage
Low level
VOL
VIN = VIH or VIL
IOL = 2 mA
1.4
0.35
V
Input leakage current
IIN
VIN = 0~3.6 V
1.4~1.65
±5.0
μA
3-state output off-state current
IOZ
VIN = VIH or VIL
VOUT = 0~3.6 V
1.4~1.65
±10.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
10.0
μA
VIN = VCC or GND
1.4~1.65
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
1.4~1.65
±20.0
μA


Podobny numer części - TC74VCX574FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VCX574FT TOSHIBA-TC74VCX574FT Datasheet
336Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Podobny opis - TC74VCX574FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA2574FK TOSHIBA-TC7MA2574FK Datasheet
218Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX374FT TOSHIBA-TC74VCX374FT_07 Datasheet
271Kb / 13P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA574FK TOSHIBA-TC7MA574FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX374FT TOSHIBA-TC74VCX374FT_V01 Datasheet
273Kb / 15P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
2010-09-17
TC74VCX2374FT TOSHIBA-TC74VCX2374FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX2574FT TOSHIBA-TC74VCX2574FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC7MA2374FK TOSHIBA-TC7MA2374FK_07 Datasheet
228Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT_07 Datasheet
262Kb / 11P
   Low-Voltage Dual D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16721FT TOSHIBA-TC74VCX16721FT Datasheet
217Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com