Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74VCX2373FT Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TC74VCX2373FT
Szczegółowy opis  Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX2373FT Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TC74VCX2373FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX2373FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX2373FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX2373FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX2373FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX2373FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX2373FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX2373FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX2373FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC74VCX2373FT/FK
2007-10-19
5
DC Characteristics (Ta = −40 to 85°C, 1.8 V <= VCC < 2.3 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VIH
1.8 to 2.3
0.7
×
VCC
Input voltage
L-level
VIL
1.8 to 2.3
0.2
×
VCC
V
IOH = −100 μA
1.8
VCC
0.2
H-level
VOH
VIN = VIH or VIL
IOH = −4 mA
1.8
1.4
IOL = 100 μA
1.8
0.2
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 4 mA
1.8
0.3
V
Input leakage current
IIN
VIN = 0 to 3.6 V
1.8
±5.0
μA
3-state output OFF state current
IOZ
VIN = VIH or VIL
VOUT = 0 to 3.6 V
1.8
±10.0
μA
Power-off leakage current
IOFF
VIN, VOUT = 0 to 3.6 V
0
10.0
μA
VIN = VCC or GND
1.8
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
1.8
±20.0
μA


Podobny numer części - TC74VCX2373FT_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VCX2373FT TOSHIBA-TC74VCX2373FT Datasheet
341Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Podobny opis - TC74VCX2373FT_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VCX573FT TOSHIBA-TC74VCX573FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2573FT TOSHIBA-TC74VCX2573FT_07 Datasheet
254Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA2373FK TOSHIBA-TC7MA2373FK_07 Datasheet
229Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC7MA573FK TOSHIBA-TC7MA573FK Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC7MA2573FK TOSHIBA-TC7MA2573FK_07 Datasheet
219Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC7MA373FK TOSHIBA-TC7MA373FK_07 Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX373FT TOSHIBA-TC74VCX373FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX16843FT TOSHIBA-TC74VCX16843FT_07 Datasheet
221Kb / 12P
   Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16841FT TOSHIBA-TC74VCX16841FT_07 Datasheet
219Kb / 12P
   Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX162373FT TOSHIBA-TC74VCX162373FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com