Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74VCX2373FT Arkusz danych(PDF) 6 Page - Toshiba Semiconductor

Numer części TC74VCX2373FT
Szczegółowy opis  Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX2373FT Arkusz danych(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74VCX2373FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX2373FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX2373FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX2373FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX2373FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX2373FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX2373FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX2373FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX2373FT Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TC74VCX2373FT/FK
2007-10-19
6
AC Characteristics (Ta = −40 to 85°C, input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 Ω) (Note 1)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
1.5
9.8
2.5
± 0.2
0.8
6.1
Propagation delay time
(D-Q)
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
0.6
5.1
ns
1.8
1.5
9.8
2.5
± 0.2
0.8
6.3
Propagation delay time
(LE-Q)
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
0.6
5.1
ns
1.8
1.5
9.8
2.5
± 0.2
0.8
6.5
3-state output enable time
tpZL
tpZH
Figure 1, Figure 3
3.3
± 0.3
0.6
5.0
ns
1.8
1.5
7.7
2.5
± 0.2
0.8
4.3
3-state output disable time
tpLZ
tpHZ
Figure 1, Figure 3
3.3
± 0.3
0.6
3.9
ns
1.8
4.0
2.5
± 0.2
1.5
Minimum pulse width
(LE)
tw (H)
Figure 1, Figure 2
3.3
± 0.3
1.5
ns
1.8
2.5
2.5
± 0.2
1.5
Minimum set-up time
ts
Figure 1, Figure 2
3.3
± 0.3
1.5
ns
1.8
1.0
2.5
± 0.2
1.0
Minimum hold time
th
Figure 1, Figure 2
3.3
± 0.3
1.0
ns
1.8
0.5
2.5
± 0.2
0.5
Output to output skew
tosLH
tosHL
(Note 2)
3.3
± 0.3
0.5
ns
Note 1: For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Note 2: Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)


Podobny numer części - TC74VCX2373FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VCX2373FT TOSHIBA-TC74VCX2373FT Datasheet
341Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Podobny opis - TC74VCX2373FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VCX573FT TOSHIBA-TC74VCX573FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2573FT TOSHIBA-TC74VCX2573FT_07 Datasheet
254Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA2373FK TOSHIBA-TC7MA2373FK_07 Datasheet
229Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC7MA573FK TOSHIBA-TC7MA573FK Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC7MA2573FK TOSHIBA-TC7MA2573FK_07 Datasheet
219Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC7MA373FK TOSHIBA-TC7MA373FK_07 Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX373FT TOSHIBA-TC74VCX373FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX16843FT TOSHIBA-TC74VCX16843FT_07 Datasheet
221Kb / 12P
   Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16841FT TOSHIBA-TC74VCX16841FT_07 Datasheet
219Kb / 12P
   Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX162373FT TOSHIBA-TC74VCX162373FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com