Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74VCX162834FT Arkusz danych(PDF) 7 Page - Toshiba Semiconductor

Numer części TC74VCX162834FT
Szczegółowy opis  Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX162834FT Arkusz danych(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74VCX162834FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX162834FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX162834FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX162834FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX162834FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX162834FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX162834FT_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX162834FT_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74VCX162834FT_07 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TC74VCX162834FT
2007-10-19
7
AC Characteristics (Ta = −40 to 85°C, input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 Ω) (Note 1)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
100
2.5
± 0.2
200
Maximum clock frequency
fmax
Figure 1, Figure 3
3.3
± 0.3
250
MHz
1.8
1.5
9.8
2.5
± 0.2
0.8
5.0
Propagation delay time
(An-Yn)
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
0.6
3.9
ns
1.8
1.5
9.2
2.5
± 0.2
0.8
5.2
Propagation delay time
(CK-Yn)
tpLH
tpHL
Figure 1, Figure 3
3.3
± 0.3
0.6
4.2
ns
1.8
1.5
9.8
2.5
± 0.2
0.8
6.3
Propagation delay time
( LE -Yn)
tpLH
tpHL
Figure 1, Figure 4
3.3
± 0.3
0.6
5.1
ns
1.8
1.5
9.8
2.5
± 0.2
0.8
5.9
Output enable time
tpZL
tpZH
Figure 1, Figure 5
3.3
± 0.3
0.6
4.3
ns
1.8
1.5
7.9
2.5
± 0.2
0.8
4.7
Output disable time
tpLZ
tpHZ
Figure 1, Figure 5
3.3
± 0.3
0.6
4.2
ns
1.8
4.0
2.5
± 0.2
1.5
Minimum pulse width
tW (H)
tW (L)
Figure 1, Figure 3, Figure 4
3.3
± 0.3
1.5
ns
1.8
2.5
2.5
± 0.2
1.5
Minimum setup time
(An-CK, An- LE )
ts
Figure 1, Figure 3, Figure 4
3.3
± 0.3
1.5
ns
1.8
1.0
2.5
± 0.2
0.6
Minimum hold time
(An-CK, An- LE )
th
Figure 1, Figure 3, Figure 4
3.3
± 0.3
0.7
ns
1.8
0.5
2.5
± 0.2
0.5
Output to output skew
tosLH
tosHL
(Note 2)
3.3
± 0.3
0.5
ns
Note 1: For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Note 2: Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)


Podobny numer części - TC74VCX162834FT_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VCX162835FT TOSHIBA-TC74VCX162835FT Datasheet
450Kb / 13P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX162835FT TOSHIBA-TC74VCX162835FT Datasheet
240Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX162835FT TOSHIBA-TC74VCX162835FT_07 Datasheet
240Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
More results

Podobny opis - TC74VCX162834FT_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VCX162835FT TOSHIBA-TC74VCX162835FT_07 Datasheet
240Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16834FT TOSHIBA-TC74VCX16834FT Datasheet
221Kb / 12P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16835FT TOSHIBA-TC74VCX16835FT_07 Datasheet
233Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162600FT TOSHIBA-TC74VCXR162600FT_07 Datasheet
239Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16500FT TOSHIBA-TC74VCX16500FT_07 Datasheet
231Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16501FT TOSHIBA-TC74VCX16501FT_07 Datasheet
230Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT_07 Datasheet
236Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162501FT TOSHIBA-TC74VCXR162501FT_07 Datasheet
237Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16601FT TOSHIBA-TC74VCX16601FT_07 Datasheet
230Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16600FT TOSHIBA-TC74VCX16600FT_07 Datasheet
233Kb / 15P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com