Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74VCX164245FT Arkusz danych(PDF) 6 Page - Toshiba Semiconductor

Numer części TC74VCX164245FT
Szczegółowy opis  16-Bit Dual Supply Bus Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX164245FT Arkusz danych(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74VCX164245FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX164245FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX164245FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX164245FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX164245FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX164245FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX164245FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX164245FT_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX164245FT_07 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TC74VCX164245FT
2007-10-19
6
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
VCCB
2.3 to 3.6
Power supply voltage
VCCA
1.65 to 2.7
V
Input voltage
(DIR,
OE )
VIN
0 to 3.6
V
0 to 3.6
(Note 2)
VI/OB
0 to VCCB (Note 3)
0 to 3.6
(Note 2)
Bus I/O voltage
VI/OA
0 to VCCA (Note 3)
V
±24
(Note 4)
IOUTB
±18
(Note 5)
±18
(Note 6)
mA
Output current
IOUTA
±6
(Note 7)
Operating temperature
Topr
40 to 85
°C
Input rise and fall time
dt/dv
0 to 10
(Note 8)
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs and
bus inputs must be tied to either VCC or GND. Please connect both bus inputs and the bus outputs with
VCC or GND when the I/O of the bus terminal changes by the function. In this case, please note that the
output is not short-circuited.
Note 2: Output in OFF state
Note 3: High or low state
Note 4: VCCB = 3.0 to 3.6 V
Note 5: VCCA = 2.3 to 2.7 V
Note 6: VCCA = 2.3 to 2.7 V
Note 7: VCCA = 1.65 to 1.95 V
Note 8: VINB = 0.8 to 2.0 V, VCCB = 3.0 V
VINA = 0.7 to 1.6 V, VCCA = 2.5 V


Podobny numer części - TC74VCX164245FT_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
More results

Podobny opis - TC74VCX164245FT_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com