Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74VCXH16244FT Arkusz danych(PDF) 6 Page - Toshiba Semiconductor

Numer części TC74VCXH16244FT
Szczegółowy opis  Low-Voltage 16-Bit Bus Buffer with Bushold
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXH16244FT Arkusz danych(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74VCXH16244FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCXH16244FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCXH16244FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCXH16244FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCXH16244FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXH16244FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXH16244FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXH16244FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VCXH16244FT Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC74VCXH16244FT
2007-10-19
6
Electrical Characteristics
DC Characteristics (Ta = −40 to 85°C, 2.7 V < VCC <= 3.6 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VIH
2.7 to 3.6
2.0
Input voltage
L-level
VIL
2.7 to 3.6
0.8
V
IOH = −100 μA
2.7 to 3.6
VCC
− 0.2
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
H-level
VOH
VIN = VIH or VIL
IOH = −24 mA
3.0
2.2
IOL = 100 μA
2.7 to 3.6
0.2
IOL = 12 mA
2.7
0.4
IOL = 18 mA
3.0
0.4
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 24 mA
3.0
0.55
V
( OE )
VIN = 0 to 3.6 V
2.7 to 3.6
±5.0
Input leakage
current
(An)
IIN
VIN = VCC or GND
2.7 to 3.6
±5.0
μA
VIN = 0.8 V
3.0
75
Bushold input minimum drive
hold current
II (HOLD)
VIN = 2.0 V
3.0
−75
μA
(Note 1)
3.6
450
Bushold input over-drive current
to change state
II (OD)
(Note 2)
3.6
−450
μA
3-state output OFF state current
IOZ
VIN = VIH or VIL
VOUT = 0 to 3.6 V
2.7 to 3.6
±10.0
μA
Power-off leakage current
IOFF
VOUT = 0 to 3.6 V
0
10.0
μA
VIN = VCC or GND
2.7 to 3.6
20.0
Quiescent supply current
ICC
VCC <= VOUT <= 3.6 V
(Note 3) 2.7 to 3.6
±20.0
μA
Increase in ICC per input
ΔICC
VIH = VCC − 0.6 V
2.7 to 3.6
750
μA
Note 1: An external driver must source at least the specified current to switch LOW-to-HIGH.
Note 2: An external driver must sink at least the specified current to switch HIGH-to-LOW.
Note 3: Outputs high impedance only.


Podobny numer części - TC74VCXH16244FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VCXH16245 TOSHIBA-TC74VCXH16245 Datasheet
313Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2021-05-18 Rev.2.0
TC74VCXH16245FT TOSHIBA-TC74VCXH16245FT Datasheet
190Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
More results

Podobny opis - TC74VCXH16244FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VCXH162244FT TOSHIBA-TC74VCXH162244FT Datasheet
211Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXH16827FT TOSHIBA-TC74VCXH16827FT Datasheet
209Kb / 12P
   Low-Voltage 20-Bit Bus Buffer with Bushold
TC74VCXH162827FT TOSHIBA-TC74VCXH162827FT Datasheet
217Kb / 13P
   Low-Voltage 20-Bit Bus Buffer with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16245FT TOSHIBA-TC74VCXH16245FT Datasheet
190Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
logo
Fairchild Semiconductor
74LCXH16244 FAIRCHILD-74LCXH16244_05 Datasheet
124Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74LCXH16244 FAIRCHILD-74LCXH16244 Datasheet
93Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74VCXH16244 FAIRCHILD-74VCXH16244 Datasheet
159Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com