Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74VCXR2245FT Arkusz danych(PDF) 11 Page - Toshiba Semiconductor

Numer części TC74VCXR2245FT
Szczegółowy opis  Low-Voltage Octal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXR2245FT Arkusz danych(HTML) 11 Page - Toshiba Semiconductor

Back Button TC74VCXR2245FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCXR2245FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCXR2245FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCXR2245FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXR2245FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXR2245FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXR2245FT_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74VCXR2245FT_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74VCXR2245FT_07 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TC74VCXR2245FT/FK/FTG
2007-10-19
11
RESTRICTIONS ON PRODUCT USE
20070701-EN
• The information contained herein is subject to change without notice.
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor
devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical
stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of
safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of
such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as
set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and
conditions set forth in the “Handling Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability
Handbook” etc.
• The TOSHIBA products listed in this document are intended for usage in general electronics applications
(computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances,
etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires
extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or
bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or
spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments,
medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his
document shall be made at the customer’s own risk.
• The products described in this document shall not be used or embedded to any downstream products of which
manufacture, use and/or sale are prohibited under any applicable laws and regulations.
• Please contact your sales representative for product-by-product details in this document regarding RoHS
compatibility. Please use these products in this document in compliance with all applicable laws and regulations
that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses
occurring as a result of noncompliance with applicable laws and regulations.


Podobny numer części - TC74VCXR2245FT_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VCXR2245FT TOSHIBA-TC74VCXR2245FT Datasheet
344Kb / 8P
   LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Podobny opis - TC74VCXR2245FT_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX541FT TOSHIBA-TC74VCX541FT_07 Datasheet
286Kb / 13P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT_07 Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MA244FK TOSHIBA-TC7MA244FK_07 Datasheet
226Kb / 11P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA541FK TOSHIBA-TC7MA541FK_07 Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX244FT TOSHIBA-TC74VCX244FT_07 Datasheet
263Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2541FT TOSHIBA-TC74VCX2541FT_07 Datasheet
272Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com