Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74VHC03F Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TC74VHC03F
Szczegółowy opis  Quad 2-Input NAND Gate (open drain)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC03F Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC03F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC03F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC03F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC03F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC03F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC03F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC03F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC03F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC03F_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74VHC03F/FN/FT/FK
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC03F,TC74VHC03FN,TC74VHC03FT,TC74VHC03FK
Quad 2-Input NAND Gate (open drain)
The TC74VHC03 is an advanced high speed CMOS 2-INPUT
NAND GATE fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
Pin configuration and function are the same as the
TC74VHC00. But the TC74VHC03 has, as its outputs, high
performance MOS N-channel transistors. (OPEN-DRAIN
outputs) This device can, therefore, with a suitable pull-up
resistors, be used in wired-AND, LED driver and other
application.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: tpZ = 3.7 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with 74ALS03
Weight
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)
VSSOP14-P-0030-0.50
: 0.02 g (typ.)
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74VHC03F
TC74VHC03FN
TC74VHC03FT
TC74VHC03FK


Podobny numer części - TC74VHC03F_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC03FK TOSHIBA-TC74VHC03FK_12 Datasheet
245Kb / 8P
   Quad 2-Input NAND Gate (open drain)
TC74VHC03FN TOSHIBA-TC74VHC03FN Datasheet
254Kb / 6P
   QUAD 2 -INPUT NAND GATE(OPER DRAIN)
TC74VHC03FT TOSHIBA-TC74VHC03FT Datasheet
254Kb / 6P
   QUAD 2 -INPUT NAND GATE(OPER DRAIN)
TC74VHC03FT TOSHIBA-TC74VHC03FT_12 Datasheet
245Kb / 8P
   Quad 2-Input NAND Gate (open drain)
TC74VHC03F TOSHIBA-TC74VHC03F_12 Datasheet
245Kb / 8P
   Quad 2-Input NAND Gate (open drain)
More results

Podobny opis - TC74VHC03F_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 1999
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
   Quad 2-Input NAND Gate (open drain)
logo
NXP Semiconductors
74LVC38A PHILIPS-74LVC38A Datasheet
99Kb / 14P
   Quad 2-input NAND gate (open drain)
2004 Mar 22
logo
National Semiconductor ...
MM74HCT03 NSC-MM74HCT03 Datasheet
113Kb / 4P
   Quad 2-Input NAND Gate (Open Drain)
logo
STMicroelectronics
74VHCT03A STMICROELECTRONICS-74VHCT03A Datasheet
158Kb / 8P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 2001
M54HC03 STMICROELECTRONICS-M54HC03 Datasheet
232Kb / 9P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
January 1993
74VHC03 STMICROELECTRONICS-74VHC03_04 Datasheet
232Kb / 11P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
logo
Toshiba Semiconductor
TC74VHC03F TOSHIBA-TC74VHC03F_12 Datasheet
245Kb / 8P
   Quad 2-Input NAND Gate (open drain)
logo
STMicroelectronics
M74HC03 STMICROELECTRONICS-M74HC03 Datasheet
179Kb / 8P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
74VHCT03A STMICROELECTRONICS-74VHCT03A_04 Datasheet
223Kb / 11P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com