Zakładka z wyszukiwarką danych komponentów |
|
TC74VHC11F Arkusz danych(PDF) 2 Page - Toshiba Semiconductor |
|
TC74VHC11F Arkusz danych(HTML) 2 Page - Toshiba Semiconductor |
2 / 8 page TC74VHC11F/FN/FT 2007-10-01 2 Pin Assignment IEC Logic Symbol Truth Table A B C Y L X X L X L X L X X L L H H H H X: Don’t care Absolute Maximum Ratings (Note) Characteristics Symbol Rating Unit Supply voltage range VCC −0.5 to 7.0 V DC input voltage VIN −0.5 to 7.0 V DC output voltage VOUT −0.5 to VCC + 0.5 V Input diode current IIK −20 mA Output diode current IOK ±20 mA DC output current IOUT ±25 mA DC VCC/ground current ICC ±50 mA Power dissipation PD 180 mW Storage temperature Tstg −65 to 150 °C Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). (13) (4) (3) 1C & 2B 2A (9) (5) (10) 3A 2C (6) (8) 2Y 3Y 3B (1) (2) 1A 1B (12) 1Y 3C (11) VCC 9 1C 1Y 3C 8 14 13 12 11 10 1A 1 2 3 4 5 6 7 2B 2C 2Y GND 3B 3A 3Y (top view) 1B 2A |
Podobny numer części - TC74VHC11F_07 |
|
Podobny opis - TC74VHC11F_07 |