Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74VHC4051AFK Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TC74VHC4051AFK
Szczegółowy opis  Analog Multiplexer/Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC4051AFK Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC4051AFK Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC4051AFK Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC4051AFK Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC4051AFK Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC4051AFK Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC4051AFK Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC4051AFK Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC4051AFK Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC4051AFK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TC74VHC4051,4052,4053AF/FT/FK
2007-10-01
4
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5~7.0
V
Control input voltage
VIN
−0.5~7.0
V
Switch I/O voltage
VI/O
− 0.5~VCC + 0.5
V
Input diode current
IIK
−20
mA
I/O diode current
IIOK
±25
mA
Switch through current
IT
±25
mA
DC VCC or ground current
ICC
±50
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
−65~150
°C
Note :
Exceeding any of the absolute maximum ratings, even briefly, may lead to deterioration in IC performance
or even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Range (Note)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
2~5.5
V
Input voltage
VIN
0~5.5
V
Switch I/O voltage
VI/O
0~VCC
V
Operating temperature
Topr
−40~85
°C
0~200 (VCC = 2.5 ± 0.2 V)
0~100 (VCC = 3.3 ± 0.3 V)
Input rise and fall time
dt/dv
0~20 (VCC = 5 ± 0.5 V)
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused control inputs must be tied to either VCC or GND.


Podobny numer części - TC74VHC4051AFK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC4051AFK TOSHIBA-TC74VHC4051AFK_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
More results

Podobny opis - TC74VHC4051AFK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com