Zakładka z wyszukiwarką danych komponentów |
|
TC74VHCT08AF Arkusz danych(PDF) 3 Page - Toshiba Semiconductor |
|
TC74VHCT08AF Arkusz danych(HTML) 3 Page - Toshiba Semiconductor |
3 / 9 page TC74VHCT08AF/AFN/AFT/AFK 2007-10-01 3 Operating Ranges (Note 1) Characteristics Symbol Rating Unit Supply voltage VCC 4.5 to 5.5 V Input voltage VIN 0 to 5.5 V 0 to 5.5 (Note 2) Output voltage VOUT 0 to VCC (Note 3) V Operating temperature Topr −40 to 85 °C Input rise and fall time dt/dV 0 to 20 ns/V Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Note 2: VCC = 0 V Note 3: High or low state. Electrical Characteristics DC Characteristics Ta = 25°C Ta = −40 to 85°C Characteristics Symbol Test Condition VCC (V) Min Typ. Max Min Max Unit High-level input voltage VIH ⎯ 4.5 to 5.5 2.0 ⎯ ⎯ 2.0 ⎯ V Low-level input voltage VIL ⎯ 4.5 to 5.5 ⎯ ⎯ 0.8 ⎯ 0.8 V IOH = −50 μA 4.5 4.40 4.50 ⎯ 4.40 ⎯ High-level output voltage VOH VIN = VIH or VIL I OH = −8 mA 4.5 3.94 ⎯ ⎯ 3.80 ⎯ V IOL = 50 μA 4.5 ⎯ 0.0 0.1 ⎯ 0.1 V Low-level output voltage VOL VIN = VIH or VIL I OL = 8 mA 4.5 ⎯ ⎯ 0.36 ⎯ 0.44 Input leakage current IIN VIN = 5.5 V or GND 0 to 5.5 ⎯ ⎯ ±0.1 ⎯ ±1.0 μA ICC VIN = VCC or GND 5.5 ⎯ ⎯ 2.0 ⎯ 20.0 μA Quiescent supply current ICCT Per input: VIN = 3.4 V Other input: VCC or GND 5.5 ⎯ ⎯ 1.35 ⎯ 1.50 mA Output leakage current IOPD VOUT = 5.5 V 0 ⎯ ⎯ 0.5 ⎯ 5.0 μA |
Podobny numer części - TC74VHCT08AF |
|
Podobny opis - TC74VHCT08AF |