Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT16245ADGGR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ABT16245ADGGR
Szczegółowy opis  16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT16245ADGGR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74ABT16245ADGGR Datasheet HTML 2Page - Texas Instruments SN74ABT16245ADGGR Datasheet HTML 3Page - Texas Instruments SN74ABT16245ADGGR Datasheet HTML 4Page - Texas Instruments SN74ABT16245ADGGR Datasheet HTML 5Page - Texas Instruments SN74ABT16245ADGGR Datasheet HTML 6Page - Texas Instruments SN74ABT16245ADGGR Datasheet HTML 7Page - Texas Instruments SN74ABT16245ADGGR Datasheet HTML 8Page - Texas Instruments SN74ABT16245ADGGR Datasheet HTML 9Page - Texas Instruments SN74ABT16245ADGGR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN54ABT16245A, SN74ABT16245A
16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS300G – MARCH 1994 – REVISED JANUARY 2006
over recommended operating ranges of supply voltage and operating free-air temperature, C
L = 50 pF
(unless otherwise noted) (see Figure 1 )
SN54ABT16245A
FROM
TO
VCC = 5 V,
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TA = 25°C
MIN
MAX
MIN
TYP
MAX
tPLH
0.5
2.2
3.4
0.5
4
A or B
B or A
ns
tPHL
0.5
2.3
3.8
0.5
4.6
tPZH
0.8
3.6
5.2
0.8
5.5
OE
B or A
ns
tPZL
0.9
3.7
6.1
0.1
7.3
tPHZ
1.3
4.4
5.8
1.3
6.3
OE
B or A
ns
tPLZ
1.4
3.3
4.7
1.4
5.5
over recommended operating ranges of supply voltage and operating free-air temperature, C
L = 50 pF
(unless otherwise noted) (see Figure 1 )
SN74ABT16245A
FROM
TO
VCC = 5 V,
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TA = 25°C
MIN
MAX
MIN
TYP
MAX
tPLH
1
2.2
3.4
1
3.9
A or B
B or A
ns
tPHL
1
2.3
3.7
1
4.2
tPZH
1
3.6
5.2
1
6.3
OE
B or A
ns
tPZL
1
3.7
5.4
1
6.4
tPHZ
2
4.4
5.8
2
6.3
OE
B or A
ns
tPLZ
1.5
3.3
4.7
1.5
5.2
6


Podobny numer części - SN74ABT16245ADGGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT16245ADGGR TI-SN74ABT16245ADGGR Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT16245ADGGR TI-SN74ABT16245ADGGR Datasheet
362Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ABT16245ADGGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Maxwell Technologies
54LVTH162245 MAXWELL-54LVTH162245 Datasheet
222Kb / 10P
   16-Bit Bus Transceivers with 3-State Outputs
logo
Texas Instruments
54AC16640 TI-54AC16640 Datasheet
116Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com