Zakładka z wyszukiwarką danych komponentów |
|
74LVCE161284DLG4 Arkusz danych(PDF) 4 Page - Texas Instruments |
|
74LVCE161284DLG4 Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 16 page www.ti.com Auto-Power-Up Q R D C Timer OUT A13 A12 A11 A10 A9 Active Input Detection Circuit VCC and VCC CABLE An (one of A9−A13) Y9−Y13 Other Than Yn 50% VCC 50% VCC CABLE Initial Activation Time NOTE A: One of A9−A13 is switched as shown above, and the other four inputs are forced to low state. VCC = 3.3 V VCC CABLE = 5 V TA = 25°C TYP = 80 ns 700 ns (TYP) SN74LVCE161284 19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP SCES541 – JANUARY 2004 – REVISED MARCH 2005 Figure 1. Error-Free Circuit Timing 4 |
Podobny numer części - 74LVCE161284DLG4 |
|
Podobny opis - 74LVCE161284DLG4 |