Zakładka z wyszukiwarką danych komponentów |
|
TC4027BF Arkusz danych(PDF) 1 Page - Toshiba Semiconductor |
|
TC4027BF Arkusz danych(HTML) 1 Page - Toshiba Semiconductor |
1 / 9 page TC4027BP/BF/BFN 2007-10-01 1 TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic TC4027BP,TC4027BF,TC4027BFN TC4027B Dual J-K Master-Slave Flip Flop TC4027B is J-K master-slave flip-flop having RESET and SET functions. In the case of J-K made, when the clock input is given with both RESET and SET at “L”, the output changes at rising edge of the clock according to the states of J and K. When SET input is placed at “H”, and RESET input is placed at “L”, outputs become Q = “H”, and Q = “L”. When RESET input is placed at “H”, and SET input is placed at “L”, outputs become Q = “L”, and Q = “H”. When both of RESET input and SET input are at “H”, outputs become Q = “H” and Q = “H”. Pin Assignment Block Diagram Note: xxxFN (JEDEC SOP) is not available in Japan. TC4027BP TC4027BF TC4027BFN Weight DIP16-P-300-2.54A : 1.00 g (typ.) SOP16-P-300-1.27A : 0.18 g (typ.) SOL16-P-150-1.27 : 0.13 g (typ.) |
Podobny numer części - TC4027BF |
|
Podobny opis - TC4027BF |