Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC4051BP Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TC4051BP
Szczegółowy opis  Multiplexer/Demultiplexe
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4051BP Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TC4051BP Datasheet HTML 1Page - Toshiba Semiconductor TC4051BP Datasheet HTML 2Page - Toshiba Semiconductor TC4051BP Datasheet HTML 3Page - Toshiba Semiconductor TC4051BP Datasheet HTML 4Page - Toshiba Semiconductor TC4051BP Datasheet HTML 5Page - Toshiba Semiconductor TC4051BP Datasheet HTML 6Page - Toshiba Semiconductor TC4051BP Datasheet HTML 7Page - Toshiba Semiconductor TC4051BP Datasheet HTML 8Page - Toshiba Semiconductor TC4051BP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC4051,4052,4053BP/BF/BFN/BFT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC4051BP, TC4051BF, TC4051BFN, TC4051BFT
TC4052BP, TC4052BF, TC4052BFN, TC4052BFT
TC4053BP, TC4053BF, TC4053BFN, TC4053BFT
TC4051B
Single 8-Channel Multiplexer/Demultiplexer
TC4052B
Differential 4-Channel
Multiplexer/Demultiplexer
TC4053B
Triple 2-Channel Multiplexer/Demultiplexer
TC4051B, TC4052B and TC4053B are multiplexers with
capabilities of selection and mixture of analog signal and digital
signal. TC4051B has 8 channels configuration. TC4052B has 4
channel × 2 configuration and TC4053B has 2 channel × 3
configuration. The digital signal to the control terminal turns
“ON” the corresponding switch of each channel, with large
amplitude (VDD − VEE) can be switched by the control signal
with small logical amplitude (VDD − VSS). For example, in the
case of VDD = 5 V VSS = 0 V and VEE = −5 V, signals between −5
V and +5 V can be switched from the logical circuit with single
power supply of 5 volts. As the ON-resistance of each switch is
low, these can be connected to the circuits with low input
impedance.
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC4051BP, TC4052BP, TC4053BP
TC4051BF, TC4052BF, TC4053BF
TC4051BFN, TC4052BFN, TC4053BFN
TC4051BFT, TC4052BFT, TC4053BFT
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)
TSSOP16-P-0044-0.65A
: 0.06 g (typ.)


Podobny numer części - TC4051BP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4051BP TOSHIBA-TC4051BP Datasheet
346Kb / 7P
   SINGLE 8-CHANNEL MULTIPLEXER/DEMULTIPLEXER
More results

Podobny opis - TC4051BP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
National Semiconductor ...
CD4051BM NSC-CD4051BM Datasheet
189Kb / 10P
   Single 8-Channel, Dual 4-Channel, Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
TriQuint Semiconductor
TQ8213 TRIQUINT-TQ8213 Datasheet
240Kb / 23P
   Multiplexer
logo
Filtronic Compound Semi...
SA212-M1 FILTRONIC-SA212-M1 Datasheet
920Kb / 4P
   Switched Multiplexer
logo
PMC-Sierra, Inc
PM8313 PMC-PM8313 Datasheet
594Kb / 2P
   M13 MULTIPLEXER
logo
OPLINK Communications I...
AAWG OPLINK-AAWG Datasheet
600Kb / 3P
   Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_07 Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
logo
uPI Group Inc.
UP7536 UPI-UP7536 Datasheet
741Kb / 17P
   Power Multiplexer
logo
Texas Instruments
SN74CBTU4411 TI1-SN74CBTU4411_16 Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
logo
ON Semiconductor
NLSF2500 ONSEMI-NLSF2500 Datasheet
138Kb / 5P
   Keypad Multiplexer
June, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com