Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC9349AFG Arkusz danych(PDF) 10 Page - Toshiba Semiconductor

Numer części TC9349AFG
Szczegółowy opis  Single-Chip DTS Microcontroller (DTS-21)
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9349AFG Arkusz danych(HTML) 10 Page - Toshiba Semiconductor

Back Button TC9349AFG Datasheet HTML 6Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 7Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 8Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 9Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 10Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 11Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 12Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 13Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 129 page
background image
TC9349AFG
2006-02-24
10
PIN No.
Symbol
Pin Name
Function and Operation
Remarks
49
IFin/IN
IF signal input
/Input port
IF signal input pin.
The input frequency is between 0.03 and
12 MHz. A built-in input amp and C
coupling allow small-amplitude operation.
The IF counter can store 20-bit data in
memory. In Manual mode, gate On/Off
control can be performed using an
instruction.
The input pin is used as an input port (IN
port). In this case, the pin is for CMOS
input, so that input clocks can be counted
using the IF counter.
Note: When a pin is set to IF input, the
input is at high impedance in
PLL-off mode.
Note: Since the VPLL power supply is used
in this circuit, an input state cannot
be read when the VPLL power
supply is in the OFF state.
50
VPLL
52
GND (PLL)
PLL
Power supply pin
Pin to which power is applied for the PLL
prescaler.
Normally, the supply voltage to be applied
is from 0.9 to 1.8 V.
Current dissipation becomes low in PLL-off
mode.
Usually, the pin is connected to the VDD
51
OSCin
Local oscillation signal
input
Programmable counter input pin.
It is possible to select the pulse-swallow
type (HF mode) or the direct divide type
(LF mode) through programming.
The local oscillation output of 1 to 30 MHz
is input in the HF mode; 0.5 to 4 MHz in
the LF mode.
A built-in input amp and C coupling allow
small-amplitude operation.
Note: The input is at high impedance in
PLL-off mode.
Rfin2
Input instruction
VPLL
VPLL
VPLL
Rfin1
VPLL


Podobny numer części - TC9349AFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC9301AN TOSHIBA-TC9301AN Datasheet
4Mb / 61P
   TC9301AN
TC9302AF TOSHIBA-TC9302AF Datasheet
3Mb / 42P
   DTS MICRO CONTROLLER CONTAINING LCD DRIVER
TC9304F TOSHIBA-TC9304F Datasheet
563Kb / 13P
   SINGLE CHIP DTS MICRO CONTROLLER WITH BUILT-IN PRESCALER.PLL.LCD DRIVER
TC9304F-011 TOSHIBA-TC9304F-011 Datasheet
200Kb / 3P
   SINGLE CHIP DTS MICRO CONTROLLER
TC9304F-027 TOSHIBA-TC9304F-027 Datasheet
129Kb / 3P
   SINGLE CHIP DTS MICRO CONTROLLER
More results

Podobny opis - TC9349AFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC9318AFAG TOSHIBA-TC9318AFAG Datasheet
1Mb / 56P
   Single Chip DTS Microcontroller (DTS-21)
TC9327BFG TOSHIBA-TC9327BFG Datasheet
1Mb / 71P
   DTS Microcontroller (DTS-21)
TC9325F TOSHIBA-TC9325F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
TC9324F TOSHIBA-TC9324F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
TC93P24FG TOSHIBA-TC93P24FG Datasheet
241Kb / 15P
   Single-Chip DTS Microcontroller (DTS-20)
TC9323F TOSHIBA-TC9323F Datasheet
735Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9318FA TOSHIBA-TC9318FA Datasheet
3Mb / 60P
   SINGLE CHIP DTS MICROCONTROLLER
TC9319F TOSHIBA-TC9319F Datasheet
3Mb / 54P
   SINGLE CHIP DTS MICROCONTROLLER
TC9322FA TOSHIBA-TC9322FA Datasheet
767Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9309AF TOSHIBA-TC9309AF Datasheet
2Mb / 53P
   SINGLE CHIP DTS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com