Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC9404FNG Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TC9404FNG
Szczegółowy opis  誇-? Modulation System DA Converter with Analog Filter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9404FNG Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TC9404FNG Datasheet HTML 1Page - Toshiba Semiconductor TC9404FNG Datasheet HTML 2Page - Toshiba Semiconductor TC9404FNG Datasheet HTML 3Page - Toshiba Semiconductor TC9404FNG Datasheet HTML 4Page - Toshiba Semiconductor TC9404FNG Datasheet HTML 5Page - Toshiba Semiconductor TC9404FNG Datasheet HTML 6Page - Toshiba Semiconductor TC9404FNG Datasheet HTML 7Page - Toshiba Semiconductor TC9404FNG Datasheet HTML 8Page - Toshiba Semiconductor TC9404FNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TC9404FNG
2006-04-27
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC9404FNG
Σ-∆ Modulation System DA Converter with Analog Filter
TC9404FNG is a 2’nd order Σ-∆ modulation system 1-bit DA
converter incorporating an 8-times over sampling digital filter
and analog filter developed for digital audio equipment.
Because the IC includes an analog filter, it can output a direct
analog waveform, thus reducing the size and cost of the DA
converter.
Features
• Built-in 8-times over sampling digital filter
• Low-voltage operates (3.0 V) possible
• Built-in digital de-emphasis filter
• In serial mode, output amplitude can be set in 128 steps of
resolution using microcontroller command.
• In parallel mode, soft mute can beset for the output signal in 64 steps in 20 ms.
• Built-in LR common digital zero detection output circuit
• Over sampling ratio (OSR) of Σ-∆ modulation circuit is 192 fs
• Support double speed operation
• Sampling frequency: 44.1 kHz, 32 kHz, 48 kHz
• Built-in 3’rd order analog filter
• The digital filter and DA converter characteristics are as follows:
Digital Filter (fs = 44.1 kHz)
DA Converter (VDD = 5 V)
Weight: 0.14 g (typ.)
P-SSOP24-300-0.65A


Podobny numer części - TC9404FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC9404FN TOSHIBA-TC9404FN Datasheet
589Kb / 15P
   MODULATION SYSTEM DA CONVERTER WITH ANALOG FILTER
More results

Podobny opis - TC9404FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC9404FN TOSHIBA-TC9404FN Datasheet
589Kb / 15P
   MODULATION SYSTEM DA CONVERTER WITH ANALOG FILTER
TC9293FN TOSHIBA-TC9293FN Datasheet
577Kb / 18P
   Modulation System DA converter with analog Filter
TA2009F TOSHIBA-TA2009F Datasheet
261Kb / 7P
   FILTER IC FOR 誇-? MODULATION SYSTEM DA CONVERTER
TA2063F TOSHIBA-TA2063F Datasheet
230Kb / 6P
   FILTER IC FOR 誇-? MODULATION SYSTEM DA CONVERTER
TC9293F TOSHIBA-TC9293F Datasheet
366Kb / 17P
   Σ-∆ Modulation System DA Converter with Analog Filter
2003-06-27
TC9237BF TOSHIBA-TC9237BF Datasheet
596Kb / 15P
   MODULATION SYSTEM DA CONVERTER WITH BUILT IN DIGITAL FILTER
logo
KEC(Korea Electronics)
KIA2028F KEC-KIA2028F Datasheet
101Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (FILTER IC FOR MODULATION SYSTEM DA CONVERTER)
logo
Toshiba Semiconductor
TC9470FN TOSHIBA-TC9470FN Datasheet
259Kb / 19P
   Modulation DA Converter with Built-in 8-Times Oversampling Digital Filter/Dynamic Digital Bass Boost/Analog Filter
logo
Fujitsu Component Limit...
MB40166 FUJITSU-MB40166 Datasheet
697Kb / 20P
   AD/DA CONVERTER
logo
Roithner LaserTechnik G...
LDM-375-10-TEC-M ROITHNER-LDM-375-10-TEC-M Datasheet
145Kb / 1P
   ttl or analog modulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com