Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TD62C851PG Arkusz danych(PDF) 7 Page - Toshiba Semiconductor

Numer części TD62C851PG
Szczegółowy opis  8BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH DRIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62C851PG Arkusz danych(HTML) 7 Page - Toshiba Semiconductor

Back Button TD62C851PG Datasheet HTML 3Page - Toshiba Semiconductor TD62C851PG Datasheet HTML 4Page - Toshiba Semiconductor TD62C851PG Datasheet HTML 5Page - Toshiba Semiconductor TD62C851PG Datasheet HTML 6Page - Toshiba Semiconductor TD62C851PG Datasheet HTML 7Page - Toshiba Semiconductor TD62C851PG Datasheet HTML 8Page - Toshiba Semiconductor TD62C851PG Datasheet HTML 9Page - Toshiba Semiconductor TD62C851PG Datasheet HTML 10Page - Toshiba Semiconductor TD62C851PG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TD62C851,852PG
2006-06-14
7
SWITCHING CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST
CIR−
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
CK−S−OUT
0.40
0.65
CK− On
1.80
3.00
L− On
2.10
3.50
R− On
1.50
2.50
Low−to
−High
E− On
tpLH
1.50
2.50
CK−S−OUT
0.33
0.55
CK− On
0.41
0.70
L− On
0.30
0.50
R−S−OUT
0.25
0.42
Propagation
Delay Time
High−to
−Low
E− On
tpHL
0.21
0.35
µs
Maximum Clock Frequency
fMAX
1.5
2.0
MHz
CLOCK
twCK
250
330
LATCH
twL
116
160
Minimum Pulse Width
RESET
twR
107
140
ns
Data Set Up Time
tsetup
30
60
Data Hold Time
thold
14
40
ns
Maximum Clock Rise Time
tr
70
Maximum Clock Fall Time
tf
VDD = 5.0 V, VIH = 5.0 V
VIL = 0 V, Duty = 50%
300 Ω (TD62C851)
120 Ω (TD62C852)
70
ns
RL =


Podobny numer części - TD62C851PG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
More results

Podobny opis - TD62C851PG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TB62702P TOSHIBA-TB62702P_06 Datasheet
309Kb / 11P
   10BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH / 10SEGMENT LED DRIVERS
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TB62702P TOSHIBA-TB62702P Datasheet
279Kb / 8P
   10 BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/ LATCH/10SEGMENT LED DRIVERS
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
September 1988
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
   Serial-In, Parallel-Out Shift Register
logo
Hitachi Semiconductor
HD74AC164 HITACHI-HD74AC164 Datasheet
59Kb / 10P
   Serial-In, Parallel-Out Shift Register
logo
Renesas Technology Corp
HD74AC164 RENESAS-HD74AC164 Datasheet
136Kb / 9P
   Serial-In, Parallel-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A Datasheet
58Kb / 6P
   Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com