Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TD6134AF Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TD6134AF
Szczegółowy opis  ECL Prescaler For Digital Synthesized Tuner
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD6134AF Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TD6134AF_02 Datasheet HTML 1Page - Toshiba Semiconductor TD6134AF_02 Datasheet HTML 2Page - Toshiba Semiconductor TD6134AF_02 Datasheet HTML 3Page - Toshiba Semiconductor TD6134AF_02 Datasheet HTML 4Page - Toshiba Semiconductor TD6134AF_02 Datasheet HTML 5Page - Toshiba Semiconductor TD6134AF_02 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TD6134AF
2002-10-30
3
Electrical Characteristics
(Unless otherwise specified, VCC = 1.8~5.5V, Ta =
----10~60°C, fin = 50~250MHz)
Characteristic
Symbol
Test
Cir
-
cuit
Test Condition
Min.
Typ.
Max.
Unit
Supply voltage
VCC
1.8
3.0
5.5
V
Supply current
ICC
VCC = 3.0V
5.5
9.5
mA
fIN 1
FMIN
50
150
Operating frequency
range
fIN 2
VHFIN
50
250
MHz
Input voltage range
VIN
25
150
mVrms
Output amplitude
VOUT
0.5
Vp-p
"H" level
VIH
PSC, VHF / FM
1.6
VCC
Input
voltage
"L" level
VIL
PSC, VHF / FM
0
1.0
V
"H" level
IIH
PSC
VHF / FM
VCC = 5.0V, VIH = 4.0V
60
Input
current
"L" level
IIL
PSC
VHF / FM
VCC = 5.0V, VIL = 1.0V
10
µA
Test Circuit (input voltage sensitivity)


Podobny numer części - TD6134AF_02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TD6134AF TOSHIBA-TD6134AF Datasheet
163Kb / 5P
   ECL PRESACLE FOR DIGITAL STNTHESIZED TUNER
More results

Podobny opis - TD6134AF_02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TD7104P TOSHIBA-TD7104P Datasheet
254Kb / 6P
   ECL PRESCALER FOR DIGITAL SYNTHESIZED TUNER
TD7104FG TOSHIBA-TD7104FG Datasheet
398Kb / 6P
   ECL Prescaler for Digital Synthesized Tuner
TD7103F TOSHIBA-TD7103F Datasheet
148Kb / 4P
   ECL PRESCALER FOR DIGITAL SYNTHESIZED TUNER
TD7103F TOSHIBA-TD7103F_02 Datasheet
282Kb / 5P
   ECL Prescaler For Digital Synthesized Tuner
TD7101F TOSHIBA-TD7101F_02 Datasheet
338Kb / 6P
   ELC Prescaler For Digital Synthesized Tuner
TD7101F TOSHIBA-TD7101F Datasheet
406Kb / 5P
   ELC PRESCALER FOR DIGITAL SYNTHSIZED TUNER
TD6134AF TOSHIBA-TD6134AF Datasheet
163Kb / 5P
   ECL PRESACLE FOR DIGITAL STNTHESIZED TUNER
logo
Zarlink Semiconductor I...
SL1935 ZARLINK-SL1935 Datasheet
415Kb / 23P
   Single Chip Synthesized Zero IF Tuner
logo
NTE Electronics
NTE7069 NTE-NTE7069 Datasheet
21Kb / 2P
   Integrated Circuit 2 Modulus High Speed Divider w/ECL Output for Phase-Lock Loop (PLL) Synthesized TV Tuner
logo
Hitachi Semiconductor
HD10551 HITACHI-HD10551 Datasheet
106Kb / 4P
   Prescaler for Digital Tuning System
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com