Zakładka z wyszukiwarką danych komponentów |
|
TD7626F Arkusz danych(PDF) 6 Page - Toshiba Semiconductor |
|
TD7626F Arkusz danych(HTML) 6 Page - Toshiba Semiconductor |
6 / 14 page TD7626F,TD7626FN 2001-03-01 6/14 ELECTRICAL CHARACTERISTICS (Unless otherwise stated, VCC = 5V, Ta = 25°C) AC CHARACTERISTICS CHARACTERISTIC SYMBOL TEST CIR- CUIT TEST CONDITION MIN TYP. MAX UNIT Supply Current ICC1 1 Band switch : OFF OS : [ 1] 20 35 52 mA Prescaler Input Sensitivity Vin 2 f = 500~2700MHz −15 ― +3 dBmW Logic Input High Voltage VIH 3.0 ― ― Logic Input Low Voltage VIL ― ― 0.8 Logic Output High Voltage VOH 3.8 ― ― Logic Output Low Voltage VOL 3 Logic pins (SDA, SCL) In the test circuit, transfer P5 data and determine reception from the lighting of the LED lamp. Measure the output using a logic analyzer. ― ― 0.5 V Logic Input High Current IIH Apply 5V to input pin. ― ― 10 Logic Input Low Current IOL 3 Apply 0V to input pin. ― ― −20 µA External OSC Input Amplitude OSCin 3 OSCin (Pin 2) 350 ― 1000 MVp-p OSC Operating Frequency OSCfin 3 Pins 2, 3 3.0 4.0 4.5 MHz Crystal Negative Resistance XtR 3 TEST mode, frequency divided crystal signal output, P6 monitor ― 1.5 ― kΩ Output Port Flow Current IPin 3 P4, P5, P6, P7 5 ― ― mA Output Port Leakage Current IPlk 3 Apply 12V as pull-up voltage. ― ― 10 µA Output Port Built-In Resistance Rport ― P0 and P3 ― 12 ― kΩ Output Port MAX Voltage Vport ― P0, P3, P4, P5, P6, P7 ― ― 13.2 V A / D Converter Input Voltage VADC ― P6 0.0 ― 13.2 V Comparator Pin Input Voltage VCMP 3 P4, P5, and P7 0.0 ― 13.2 V Comparator High Voltage VHCMP 3 P4, P5, and P7 2.0 ― 13.2 Comparator Low Voltage VLCMP 3 P4, P5, and P7 0.0 ― 0.8 V V CP : [0] ― 50 ― Charge Pump Output Current Ichg0 ― CP : [1] ― 170 ― µA |
Podobny numer części - TD7626F |
|
Podobny opis - TD7626F |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |