Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TD62064BFG Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TD62064BFG
Szczegółowy opis  4ch High-Current Darlington Sink Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62064BFG Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TD62064BFG Datasheet HTML 1Page - Toshiba Semiconductor TD62064BFG Datasheet HTML 2Page - Toshiba Semiconductor TD62064BFG Datasheet HTML 3Page - Toshiba Semiconductor TD62064BFG Datasheet HTML 4Page - Toshiba Semiconductor TD62064BFG Datasheet HTML 5Page - Toshiba Semiconductor TD62064BFG Datasheet HTML 6Page - Toshiba Semiconductor TD62064BFG Datasheet HTML 7Page - Toshiba Semiconductor TD62064BFG Datasheet HTML 8Page - Toshiba Semiconductor TD62064BFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TD62064BP1G/BFG
2006-06-13
4
Test Circuit
1. ICEX
2. VCE (sat), hFE
3. VIN (ON)
4. IR
5. VF
6. CIN
7. tON, tOFF
Note 1: Pulse Width 50 µs, Duty Cycle 10%
Output Impedance 50 Ω, tr ≤ 5 ns, tf ≤ 10 ns
Note 2: CL includes probe and jig capacitance
8. Vcef
Icef = 150 mA (at. single pulse = 5 ms)
VCE, VCE (sat)
Open
IIN
IOUT
ICEX
Open
Open
VCE
Open
VIN (ON)
VCE
IOUT
Open
Open
IF
VF
Capacitance
bridge
fi
Open
Open
VIN
LO
Open
Open
IR
VR
Open
COM1, 2
Open
Vcef
Output
Input
CL = 15 pF
(Note 2)
(Note 1)
Open
VOUT
Output
VIN
Pulse
generator
RL
10%
10%
50%
tON
tOFF
tf
tr
VIH = 2.4 V
0
VOH
VOL
Input
50%
90%
90%
50
µs
Output
50%
50%
(Note 1)


Podobny numer części - TD62064BFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TD62064BF TOSHIBA-TD62064BF Datasheet
300Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BF TOSHIBA-TD62064BF Datasheet
417Kb / 11P
   4CH HIGH−CURRENT DARLINGTON SINK DRIVER
More results

Podobny opis - TD62064BFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP-1 TOSHIBA-TD62064BP-1 Datasheet
300Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62164BP TOSHIBA-TD62164BP Datasheet
287Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064P TOSHIBA-TD62064P Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064APG TOSHIBA-TD62064APG Datasheet
246Kb / 11P
   4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1_06 Datasheet
417Kb / 11P
   4CH HIGH−CURRENT DARLINGTON SINK DRIVER
TD62064074P TOSHIBA-TD62064074P Datasheet
249Kb / 10P
   4CH HIHG-CURRENT DARLINGTON SINK DRIVER
TD62308APG TOSHIBA-TD62308APG Datasheet
210Kb / 11P
   4ch Low Input Active High-Current Darlington Sink Driver
TD62308AP TOSHIBA-TD62308AP Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com