Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TD62504FNG Arkusz danych(PDF) 6 Page - Toshiba Semiconductor

Numer części TD62504FNG
Szczegółowy opis  7ch Single Driver: Common Emitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62504FNG Arkusz danych(HTML) 6 Page - Toshiba Semiconductor

  TD62504FNG Datasheet HTML 1Page - Toshiba Semiconductor TD62504FNG Datasheet HTML 2Page - Toshiba Semiconductor TD62504FNG Datasheet HTML 3Page - Toshiba Semiconductor TD62504FNG Datasheet HTML 4Page - Toshiba Semiconductor TD62504FNG Datasheet HTML 5Page - Toshiba Semiconductor TD62504FNG Datasheet HTML 6Page - Toshiba Semiconductor TD62504FNG Datasheet HTML 7Page - Toshiba Semiconductor TD62504FNG Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TD62502,503,504FNG
2006-06-14
6
Notes on Contents
1.
Equivalent Circuits
The equivalent circuit diagrams may be simplified or some parts of them may be omitted for explanatory
purposes.
2.
Test Circuits
Components in the test circuits are used only to obtain and confirm the device characteristics. These
components and circuits are not guaranteed to prevent malfunction or failure from occurring in the
application equipment.
IC Usage Considerations
Notes on Handling of ICs
(1)
The absolute maximum ratings of a semiconductor device are a set of ratings that must not be
exceeded, even for a moment. Do not exceed any of these ratings.
Exceeding the rating(s) may cause the device breakdown, damage or deterioration, and may result
injury by explosion or combustion.
(2)
Use an appropriate power supply fuse to ensure that a large current does not continuously flow in
case of over current and/or IC failure. The IC will fully break down when used under conditions that
exceed its absolute maximum ratings, when the wiring is routed improperly or when an abnormal
pulse noise occurs from the wiring or load, causing a large current to continuously flow and the
breakdown can lead smoke or ignition. To minimize the effects of the flow of a large current in case of
breakdown, appropriate settings, such as fuse capacity, fusing time and insertion circuit location, are
required.
(3)
If your design includes an inductive load such as a motor coil, incorporate a protection circuit into the
design to prevent device malfunction or breakdown caused by the current resulting from the inrush
current at power ON or the negative current resulting from the back electromotive force at power OFF.
IC breakdown may cause injury, smoke or ignition.
Use a stable power supply with ICs with built-in protection functions. If the power supply is unstable,
the protection function may not operate, causing IC breakdown. IC breakdown may cause injury,
smoke or ignition.
(4)
Do not insert devices in the wrong orientation or incorrectly.
Make sure that the positive and negative terminals of power supplies are connected properly.
Otherwise, the current or power consumption may exceed the absolute maximum rating, and
exceeding the rating(s) may cause the device breakdown, damage or deterioration, and may result
injury by explosion or combustion.
In addition, do not use any device that is applied the current with inserting in the wrong orientation
or incorrectly even just one time.
(5)
Carefully select external components (such as inputs and negative feedback capacitors) and load
components (such as speakers), for example, power amp and regulator.
If there is a large amount of leakage current such as input or negative feedback condenser, the IC
output DC voltage will increase. If this output voltage is connected to a speaker with low input
withstand voltage, overcurrent or IC failure can cause smoke or ignition. (The over current can cause
smoke or ignition from the IC itself.) In particular, please pay attention when using a Bridge Tied
Load (BTL) connection type IC that inputs output DC voltage to a speaker directly.


Podobny numer części - TD62504FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TD62504FN TOSHIBA-TD62504FN Datasheet
211Kb / 5P
   7ch SINGLE DRIVER(COMMON EMITTER)
More results

Podobny opis - TD62504FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TD62502FN TOSHIBA-TD62502FN Datasheet
211Kb / 5P
   7ch SINGLE DRIVER(COMMON EMITTER)
TD62503PA TOSHIBA-TD62503PA Datasheet
192Kb / 5P
   7CH SINGLE DRIVER : COMMON EMITTER
TD62503FB TOSHIBA-TD62503FB Datasheet
194Kb / 5P
   7CH SINGLE DRIVER : COMMON EMITTER
TD62504P-H TOSHIBA-TD62504P-H Datasheet
200Kb / 5P
   7CH SINGLE DRIVER : COMMON DMITTRER
TD62501PG TOSHIBA-TD62501PG Datasheet
249Kb / 12P
   7ch Single Driver
TD62593 TOSHIBA-TD62593_07 Datasheet
248Kb / 8P
   8CH SINGLE DRIVER : COMMON EMITTER
TD62593AFN TOSHIBA-TD62593AFN Datasheet
226Kb / 5P
   8CH SINGLE DRIVER : COMMON EMITTER
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com