Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM26LV31C Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części AM26LV31C
Szczegółowy opis  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

AM26LV31C Arkusz danych(HTML) 4 Page - Texas Instruments

  AM26LV31C_07 Datasheet HTML 1Page - Texas Instruments AM26LV31C_07 Datasheet HTML 2Page - Texas Instruments AM26LV31C_07 Datasheet HTML 3Page - Texas Instruments AM26LV31C_07 Datasheet HTML 4Page - Texas Instruments AM26LV31C_07 Datasheet HTML 5Page - Texas Instruments AM26LV31C_07 Datasheet HTML 6Page - Texas Instruments AM26LV31C_07 Datasheet HTML 7Page - Texas Instruments AM26LV31C_07 Datasheet HTML 8Page - Texas Instruments AM26LV31C_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
SR +
90% V
OH * VOL * 10% VOH * VOL
tr
, the differential slew rate of V
OD is 2
SR.
Switching Characteristics
AM26LV31C, AM26LV31I
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
SLLS201G – MAY 1995 – REVISED MAY 2005
V
CC = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
See Figure 2
4
8
12
ns
tPHL
Propagation delay time, high- to low-level output
4
8
12
ns
tt
Transition time (tr or tf)
3
ns
SR
Slew rate, single-ended output voltage
See Note (2) and Figure 2
0.3
1
V/ns
tPZH
Output-enable time to high level
See Figure 3
10
20
ns
tPZL
Output-enable time to low level
See Figure 4
10
20
ns
tPHZ
Output-disable time from high level
See Figure 3
10
20
ns
tPLZ
Output-disable time from low level
See Figure 4
10
20
ns
tsk(p)
Pulse skew
f = 32 MHz,
See Note (3)
0.5
1.5
ns
tsk(o)
Skew limit
f = 32 MHz
1.5
ns
tsk(lim)
Skew limit (device to device)
f = 32 MHz,
See Note (4)
3
ns
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
Slew rate is defined by:
(3)
Pulse skew is defined as the |tPLH - tPHL| of each channel of the same device.
(4)
Skew limit (device to device) is the maximum difference in propagation delay times between any two channels of any two devices.
4


Podobny numer części - AM26LV31C_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM26LV31C TI-AM26LV31C_08 Datasheet
500Kb / 15P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results

Podobny opis - AM26LV31C_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM26LV31C TI-AM26LV31C Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31C TI-AM26LV31C_08 Datasheet
500Kb / 15P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
AM26LV32 TI-AM26LV32 Datasheet
371Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN65LBC174 TI-SN65LBC174 Datasheet
168Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com