Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HC4020PWRG4 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części SN74HC4020PWRG4
Szczegółowy opis  14-BIT ASYNCHRONOUS BINARY COUNTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74HC4020PWRG4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74HC4020PWRG4 Datasheet HTML 3Page - Texas Instruments SN74HC4020PWRG4 Datasheet HTML 4Page - Texas Instruments SN74HC4020PWRG4 Datasheet HTML 5Page - Texas Instruments SN74HC4020PWRG4 Datasheet HTML 6Page - Texas Instruments SN74HC4020PWRG4 Datasheet HTML 7Page - Texas Instruments SN74HC4020PWRG4 Datasheet HTML 8Page - Texas Instruments SN74HC4020PWRG4 Datasheet HTML 9Page - Texas Instruments SN74HC4020PWRG4 Datasheet HTML 10Page - Texas Instruments SN74HC4020PWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74HC4020PWRG4
ACTIVE
TSSOP
PW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74HC4020PWT
ACTIVE
TSSOP
PW
16
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74HC4020PWTE4
ACTIVE
TSSOP
PW
16
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74HC4020PWTG4
ACTIVE
TSSOP
PW
16
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SNJ54HC4020FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54HC4020J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54HC4020W
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 2


Podobny numer części - SN74HC4020PWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC4020PWR TI-SN74HC4020PWR Datasheet
540Kb / 16P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
SN74HC4020PWR TI-SN74HC4020PWR Datasheet
823Kb / 19P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
SN74HC4020PWRE4 TI-SN74HC4020PWRE4 Datasheet
540Kb / 16P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
More results

Podobny opis - SN74HC4020PWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54HC4020 TI-SN54HC4020 Datasheet
540Kb / 16P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_08 Datasheet
823Kb / 19P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
logo
Unisonic Technologies
U74HC4060 UTC-U74HC4060_15 Datasheet
209Kb / 6P
   14-STAGE ASYNCHRONOUS BINARY COUNTERS
logo
Texas Instruments
SN54HC4024 TI1-SN54HC4024_13 Datasheet
318Kb / 10P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54HC4024 TI-SN54HC4024 Datasheet
102Kb / 5P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54LV4040A TI-SN54LV4040A Datasheet
526Kb / 17P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4040 TI-SN54HC4040_07 Datasheet
752Kb / 19P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54LV4040A TI-SN54LV4040A_07 Datasheet
795Kb / 19P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4040 TI-SN54HC4040 Datasheet
601Kb / 17P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN74LV4040A-EP TI1-SN74LV4040A-EP Datasheet
538Kb / 12P
[Old version datasheet]   12 BIT ASYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com