Zakładka z wyszukiwarką danych komponentów |
|
TLP172A Arkusz danych(PDF) 1 Page - Toshiba Semiconductor |
|
TLP172A Arkusz danych(HTML) 1 Page - Toshiba Semiconductor |
1 / 7 page TLP172A 2007-10-01 1 TOSHIBA Photocoupler Photorelay TLP172A Telecommunications Control Equipment Data Acquisition System Security Equipment Measurement Equipment The Toshiba TLP172A consists of a gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET in a 4-pin SOP package. This photorelay has higher output current rating than phototransistor-type photocoupler; hence, it is suitable for use as On/Off control for high current. • 4-pin SOP (2.54SOP4): Height = 2.1 mm, pitch = 2.54 mm • Normally open (1-form-A) device • Peak off-state voltage: 60 V (min) • Trigger LED current: 3 mA (max) • On-state current: 400 mA (max) • On-state resistance: 2 Ω (max) • Isolation voltage: 1500 Vrms (min) • UL recognized: UL1557, File No.E67349 Pin Configuration (top view) Unit: mm JEDEC ― JEITA ― TOSHIBA 11-5H1 Weight: 0.1 g (typ.) 1 2 4 3 1: Anode 2: Cathode 3: Drain 4: Drain |
Podobny numer części - TLP172A_07 |
|
Podobny opis - TLP172A_07 |