Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS2940CM Arkusz danych(PDF) 10 Page - Taiwan Semiconductor Company, Ltd

Numer części TS2940CM
Szczegółowy opis  1A Ultra Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2940CM Arkusz danych(HTML) 10 Page - Taiwan Semiconductor Company, Ltd

Back Button TS2940CM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2940CM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2940CM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2940CM Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2940CM Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2940CM Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2940CM Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2940CM Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS2940CM Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TS2940
1A Ultra Low Dropout Voltage Regulator
10/10
Version: A07
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to any
intellectual property rights is granted by this document. Except as provided in TSC’s terms and conditions of sale for
such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale
and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability,
or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers
using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for
any damages resulting from such improper use or sale.


Podobny numer części - TS2940CM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS2940CM TSC-TS2940CM Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2940CM1.8 TSC-TS2940CM1.8 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2940CM18 TSC-TS2940CM18 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2940CM2.5 TSC-TS2940CM2.5 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2940CM25 TSC-TS2940CM25 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
More results

Podobny opis - TS2940CM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100_08 Datasheet
347Kb / 7P
   1A Ultra Low Dropout Voltage Regulator
logo
Acutechnology Semicondu...
AQ112 ACUTECH-AQ112 Datasheet
618Kb / 10P
   Ultra-Low Dropout 1A Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940_08 Datasheet
579Kb / 10P
   1A Ultra Low Dropout Voltage Regulator
TS39100 TSC-TS39100_12 Datasheet
140Kb / 7P
   1A Ultra Low Dropout Voltage Regulator
logo
AiT Semiconductor Inc.
A6110B AITSEMI-A6110B Datasheet
705Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR 1A ULTRA-LOW VIN
REV1.1
logo
Fitipower Integrated Te...
FP6153 FITIPOWER-FP6153 Datasheet
364Kb / 7P
   1A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com