Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS2951ACS Arkusz danych(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Numer części TS2951ACS
Szczegółowy opis  150mA Ultra Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2951ACS Arkusz danych(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

Back Button TS2951ACS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2951ACS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2951ACS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2951ACS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2951ACS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2951ACS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2951ACS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2951ACS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS2951ACS Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TS2950/TS2951
150mA Ultra Low Dropout Voltage Regulator
7/10
Version: A07
SOP-8 Mechanical Drawing
Marking Diagram
XX = Voltage Code
(50 = 5.0V, 33 = 3.3V, 30 = 3V)
Y
= Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
SOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27BSC
0.05BSC
K
0.10
0.25
0.004
0.009
M
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019


Podobny numer części - TS2951ACS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS2951ACS TSC-TS2951ACS Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2951ACS-3.0 TSC-TS2951ACS-3.0 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2951ACS-3.3 TSC-TS2951ACS-3.3 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2951ACS-5.0 TSC-TS2951ACS-5.0 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2951ACSRL TSC-TS2951ACSRL Datasheet
170Kb / 8P
   150mA Ultra Low Dropout Voltage Regulator
More results

Podobny opis - TS2951ACS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_11 Datasheet
191Kb / 7P
   150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951 Datasheet
170Kb / 8P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_14 Datasheet
186Kb / 9P
   150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951_15 Datasheet
345Kb / 9P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com